Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBLP679-RGB3 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # QBLP679-RGB3
Description  PLCC6 RGB LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QBLP679-RGB3 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  QBLP679-RGB3 Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP679-RGB3 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP679-RGB3 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP679-RGB3 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP679-RGB3 Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP679-RGB3 Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP679-RGB3 Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP679-RGB3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
QBLP679-RGB3
PLCC6 RGB LED
Product: QBLP679-RGB3
Date: April 4, 2011
Page 6 of 8
Version# 2.0
Packing:
Reel Dimension:
13¡ Ó
0.5
18.4max
12.4+0.2
Note: 01.The tolerance unless mentioned is ¡ Ó
0.1mm.
02.The measured unit is "mm".
Tape Dimension:
1.5¡Ó
0.10 2.0¡Ó
0.05
4.0¡Ó
0.05
8.0¡Ó
0.1
1.5¡Ó
0.01
5.3¡Ó
0.1


Similar Part No. - QBLP679-RGB3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP679-RGB ETC2-QBLP679-RGB Datasheet
337Kb / 8P
   PLCC6 RGB LED
QBLP679-RGB ETC1-QBLP679-RGB Datasheet
509Kb / 10P
   PLCC6 RGB LED
QBLP679-RGB1 ETC2-QBLP679-RGB1 Datasheet
371Kb / 8P
   PLCC6 RGB LED
QBLP679-RGB4 ETC2-QBLP679-RGB4 Datasheet
602Kb / 8P
   PLCC6 RGB LED
QBLP679-RGB5 ETC1-QBLP679-RGB5 Datasheet
720Kb / 10P
   PLCC6 RGB LED
More results

Similar Description - QBLP679-RGB3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP679E-RGB ETC2-QBLP679E-RGB Datasheet
510Kb / 10P
   PLCC6 RGB LED
QBLP679-RGB5 ETC1-QBLP679-RGB5 Datasheet
720Kb / 10P
   PLCC6 RGB LED
QBLP679-RGB ETC2-QBLP679-RGB Datasheet
337Kb / 8P
   PLCC6 RGB LED
QBLP679-RGB ETC1-QBLP679-RGB Datasheet
509Kb / 10P
   PLCC6 RGB LED
QBLP679-RGB4 ETC2-QBLP679-RGB4 Datasheet
602Kb / 8P
   PLCC6 RGB LED
QBLP679-RGB1 ETC2-QBLP679-RGB1 Datasheet
371Kb / 8P
   PLCC6 RGB LED
QBLP679E-IBK ETC2-QBLP679E-IBK Datasheet
479Kb / 10P
   PLCC6 LED
QBLP679E-IBK ETC1-QBLP679E-IBK Datasheet
479Kb / 10P
   PLCC6 LED
QBLP679-IBK ETC2-QBLP679-IBK Datasheet
568Kb / 12P
   PLCC6 LED
QBLP679-RK ETC2-QBLP679-RK Datasheet
469Kb / 9P
   PLCC6 LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com