Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35150-0600 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 35150-0600
Description  Wire-to-Wire VersaBlade Hybrid Plug Housing
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

35150-0600 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  35150-0600 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
35150-0600
Status:
Active
Overview:
VersaBlade™ Wire-to-Wire Connector System
Description:
Wire-to-Wire VersaBlade™ Hybrid Plug Housing, without Mounting Ears, 6 Circuits,
Polyester UL94V-0, Natural
Documents:
3D Model
Packaging Specification PK-35150-005 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72090206
UL
E29179
General
Product Family
Crimp Housings
Series
35150
Application
Power, Wire-to-Wire
Comments
Polarized to Mating Part, Positive Lock
Overview
VersaBlade™ Wire-to-Wire Connector System
Product Name
VersaBlade™
UPC
800754835275
Physical
Circuits (maximum)
6
Color - Resin
Natural
Flammability
94V-0
Gender
Male
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
5.815/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
8.90mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +120°C
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-35150-005
Sales Drawing
SD-35150-060
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35150Series
Mates With
35151 Receptacle Housing
Use With
VersaBlade™ Crimp Terminals, 35745 ,
35746 , 35747
This document was generated on 10/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 35150-0600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35150-0600 MOLEX4-35150-0600 Datasheet
85Kb / 2P
   7.30mm (.287") Pitch Wire-to-Wire VersaBlade??Hybrid Receptacle Housing, withoutMounting Ears, 6 Circuits, Polyester UL94V-0, Natural
More results

Similar Description - 35150-0600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35150-0604 MOLEX11-35150-0604 Datasheet
35Kb / 1P
   Wire-to-Wire VersaBlade Hybrid Plug Housing
35150-0609 MOLEX11-35150-0609 Datasheet
35Kb / 1P
   Wire-to-Wire VersaBlade Hybrid Plug Housing
35150-0612 MOLEX11-35150-0612 Datasheet
42Kb / 1P
   Wire-to-Wire VersaBlade Hybrid Plug Housing
35150-3609 MOLEX11-35150-3609 Datasheet
35Kb / 2P
   Wire-to-Wire VersaBlade Hybrid Plug Housing
35150-0400 MOLEX11-35150-0400 Datasheet
35Kb / 1P
   Wire-to-Wire VersaBlade Hybrid Plug Housing
35150-3309 MOLEX11-35150-3309 Datasheet
41Kb / 2P
   Wire-to-Wire VersaBlade Hybrid Plug Housing
35151-0110 MOLEX11-35151-0110 Datasheet
35Kb / 1P
   Wire-to-Wire VersaBlade Hybrid Plug Housing
35150-0300 MOLEX11-35150-0300 Datasheet
40Kb / 1P
   Wire-to-Wire VersaBlade Hybrid Plug Housing
35150-0412 MOLEX11-35150-0412 Datasheet
42Kb / 1P
   Wire-to-Wire VersaBlade Hybrid Plug Housing
35150-0414 MOLEX11-35150-0414 Datasheet
42Kb / 1P
   Wire-to-Wire VersaBlade Hybrid Plug Housing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com