Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T311065 Datasheet(PDF) 1 Page - E-SWITCH

Part # T311065
Description  All Dimension In MM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T311065 Datasheet(HTML) 1 Page - E-SWITCH

  T311065 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
300SP1R3WHTM3QE
2:1
1/21/2011
T311065
B
BGL
1
1
PCB MOUNTING
1
2
3
A
19608
NEW RELEASED
1/21/11
BGL
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. CONTACT RATING: 2 AMPS @250VAC
5 AMPS @120VAC OR 28VDC
6. ELECTRIC LIFE: 50,000 make-and-break cycles
at full load.
7. INSULATION RESISTANCE: 1,000 Mega-ohm min.
8. DIELECTRIC STRENGTH: 1,000 V RMS @sea level.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
2
13
CIRCUI: SPDT
6.60
[.260 in]
E-SWITCH
MARKING ON
OPPOSITE SIDE
12
3
3
9.56
[.376 in]
6.86
[.270 in]
1.57
[.062 in]
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3
N/A
2-1
14.63
[.576 in]
.50
[.020 in]
41.27
[1.625 in]
34.92
[1.375 in]
12.83
[.505 in]
15.11
[.595 in]
n3.17
[.125 in]
.76
[.030 in]
4.70
[.185 in]
n1.85
[.073 in]
23.01
[.906
in]
3.50
[.138 in]
9.73
[.383 in]
5.10
[.201 in]
12.70
[.500 in]
ACTUATOR COLOR
WHITE
B
19707
REV CHANGE ADD COLOR LEADER
2/23/11
BGL


Similar Part No. - T311065

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T311060 E-SWITCH-T311060 Datasheet
210Kb / 1P
   All Dimension In MM
T311061 E-SWITCH-T311061 Datasheet
209Kb / 1P
   All Dimension In MM
T311062 E-SWITCH-T311062 Datasheet
110Kb / 1P
   All Dimension In MM
T311063 E-SWITCH-T311063 Datasheet
156Kb / 1P
   All Dimension In MM
T311066 E-SWITCH-T311066 Datasheet
197Kb / 1P
   All Dimension In MM
More results

Similar Description - T311065

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R010000 E-SWITCH-R010000 Datasheet
27Kb / 1P
   All Dimension In MM
R010005 E-SWITCH-R010005 Datasheet
56Kb / 1P
   All Dimension In MM
M301101 E-SWITCH-M301101 Datasheet
41Kb / 1P
   All Dimension In MM
M301123 E-SWITCH-M301123 Datasheet
67Kb / 1P
   All Dimension In MM
M301208 E-SWITCH-M301208 Datasheet
32Kb / 1P
   All Dimension In MM
G510576 E-SWITCH-G510576 Datasheet
288Kb / 1P
   All Dimension In MM
G510360 E-SWITCH-G510360 Datasheet
148Kb / 1P
   All Dimension In MM
G510365 E-SWITCH-G510365 Datasheet
137Kb / 1P
   All Dimension In MM
G510450 E-SWITCH-G510450 Datasheet
41Kb / 1P
   All Dimension In MM
G510541 E-SWITCH-G510541 Datasheet
41Kb / 1P
   All Dimension In MM
G510561 E-SWITCH-G510561 Datasheet
38Kb / 1P
   All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com