Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1210 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1210
Description  Continuous-Time Latch Family
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1210 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1210 Datasheet HTML 6Page - Allegro MicroSystems A1210 Datasheet HTML 7Page - Allegro MicroSystems A1210 Datasheet HTML 8Page - Allegro MicroSystems A1210 Datasheet HTML 9Page - Allegro MicroSystems A1210 Datasheet HTML 10Page - Allegro MicroSystems A1210 Datasheet HTML 11Page - Allegro MicroSystems A1210 Datasheet HTML 12Page - Allegro MicroSystems A1210 Datasheet HTML 13Page - Allegro MicroSystems A1210 Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Continuous-Time Latch Family
A1210, A1211,
A1212, A1213,
and
A1214
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Figure 2. Continuous-Time Application, B < BRP.. This figure illustrates the use of a quick cycle for chopping VCC in order to conserve battery power.
Position 1, power is applied to the device. Position 2, the output assumes the correct state at a time prior to the maximum Power-On Time, tPO(max).
The case shown is where the correct output state is HIGH . Position 3, tPO(max) has elapsed. The device output is valid. Position 4, after the output is
valid, a control unit reads the output. Position 5, power is removed from the device.
VCC
VOUT
Output Sampled
1
5
4
2
t
t
tPO(max)
3
ADDITIONAL APPLICATIONS INFORMATION
Extensive applications information for Hall-effect devices is
available in:
• Hall-Effect IC Applications Guide, Application Note 27701
• Hall-Effect Devices: Gluing, Potting, Encapsulating, Lead
Welding and Lead Forming, Application Note 27703.1
• Soldering Methods for Allegro’s Products – SMT and Through-
Hole, Application Note 26009
All are provided in Allegro Electronic Data Book, AMS-702,
and the Allegro Web site, www.allegromicro.com.


Similar Part No. - A1210

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1210 ALLEGRO-A1210 Datasheet
443Kb / 12P
   Continuous-Time Latch Family
logo
List of Unclassifed Man...
A1210 ETC1-A1210 Datasheet
100Kb / 3P
   Zero Voltage and Random Turn-On Switching
logo
Crydom Inc.,
A1210 CRYDOM-A1210 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
A1210 CRYDOM-A1210 Datasheet
747Kb / 7P
   panel mount
A1210 CRYDOM-A1210 Datasheet
950Kb / 7P
   Panel Mount
More results

Similar Description - A1210

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1210 ALLEGRO-A1210 Datasheet
443Kb / 12P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210_16 Datasheet
624Kb / 14P
   Continuous-Time Latch Family
A1101 ALLEGRO-A1101 Datasheet
326Kb / 11P
   Continuous-Time Switch Family
A1102LLHLX-T ALLEGRO-A1102LLHLX-T Datasheet
756Kb / 13P
   Continuous-Time Switch Family
A1101 ALLEGRO-A1101_16 Datasheet
642Kb / 13P
   Continuous-Time Switch Family
A1202 ALLEGRO-A1202_16 Datasheet
617Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201 Datasheet
455Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201_06 Datasheet
339Kb / 13P
   Continuous-Time Bipolar Switch Family
A1101 ALLEGRO-A1101_08 Datasheet
303Kb / 12P
   Continuous-Time Switch
A1205 ALLEGRO-A1205 Datasheet
710Kb / 12P
   Continuous-Time Bipolar Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com