Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1214 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1214
Description  Continuous-Time Latch Family
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1214 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1214 Datasheet HTML 1Page - Allegro MicroSystems A1214 Datasheet HTML 2Page - Allegro MicroSystems A1214 Datasheet HTML 3Page - Allegro MicroSystems A1214 Datasheet HTML 4Page - Allegro MicroSystems A1214 Datasheet HTML 5Page - Allegro MicroSystems A1214 Datasheet HTML 6Page - Allegro MicroSystems A1214 Datasheet HTML 7Page - Allegro MicroSystems A1214 Datasheet HTML 8Page - Allegro MicroSystems A1214 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
2
3
3
1
2
Amp
Regulator
GND
VCC
VOUT
Offset
Gain
Trim
Control
To all subcircuits
Description
The AllegroA1210-A1214 Hall-effect latches are next
generation replacements for the popular Allegro 317x and
318x lines of latching switches. The A121x family, pro-
duced with BiCMOS technology, consists of devices that
feature fast power-on time and low-noise operation. Device
programming is performed after packaging, to ensure
increased switchpoint accuracy by eliminating offsets that
can be induced by package stress. Unique Hall element
geometries and low-offset amplifiers help to minimize noise
and to reduce the residual offset voltage normally caused by
device overmolding, temperature excursions, and thermal
stress.
The A1210-A1214 Hall-effect latches include the following
on a single silicon chip: voltage regulator, Hall-voltage gen-
erator, small-signal amplifier, Schmitt trigger, and NMOS
output transistor. The integrated voltage regulator permits
operation from 3.8 to 24 V. The extensive on-board protec-
tion circuitry makes possible a ±30 V absolute maximum
voltage rating for superior protection in automotive and
industrial motor commutation applications, without adding
external components. All devices in the family are identical
except for magnetic switchpoint levels.
The small geometries of the BiCMOS process allow these
devices to be provided in ultrasmall packages. The package
styles available provide magnetically optimized solutions
for most applications. Package LH is an SOT23W, a min-
iature low-profile surface-mount package, while package
UA is a three-lead ultramini SIP for through-hole mounting.
Each package is lead (Pb) free, with 100% matte tin plated
leadframes.
A1210-DS, Rev. 10
Features and Benefits
▪ Continuous-time operation
▫ Fast power-on time
▫ Low noise
▪ Stable operation over full operating temperature range
▪ Reverse battery protection
▪ Solid-state reliability
▪ Factory-programmed at end-of-line for optimum
performance
▪ Robust EMC performance
▪ High ESD rating
▪ Regulator stability without a bypass capacitor
Continuous-Time Latch Family
Functional Block Diagram
Not to scale
A1210, A1211, A1212, A1213, and A1214
Packages: 3 pin SOT23W (suffix LH), and
3 pin SIP (suffix UA)


Similar Part No. - A1214

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1214 ALLEGRO-A1214 Datasheet
443Kb / 12P
   Continuous-Time Latch Family
logo
DB Lectro Inc
A1214AA1 DBLECTRO-A1214AA1 Datasheet
218Kb / 1P
   DIP PLUG LOW PROFILE
A1214AA2 DBLECTRO-A1214AA2 Datasheet
218Kb / 1P
   DIP PLUG LOW PROFILE
A1214AB1 DBLECTRO-A1214AB1 Datasheet
218Kb / 1P
   DIP PLUG LOW PROFILE
A1214AB2 DBLECTRO-A1214AB2 Datasheet
218Kb / 1P
   DIP PLUG LOW PROFILE
More results

Similar Description - A1214

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1210 ALLEGRO-A1210 Datasheet
443Kb / 12P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210_16 Datasheet
624Kb / 14P
   Continuous-Time Latch Family
A1101 ALLEGRO-A1101 Datasheet
326Kb / 11P
   Continuous-Time Switch Family
A1102LLHLX-T ALLEGRO-A1102LLHLX-T Datasheet
756Kb / 13P
   Continuous-Time Switch Family
A1101 ALLEGRO-A1101_16 Datasheet
642Kb / 13P
   Continuous-Time Switch Family
A1202 ALLEGRO-A1202_16 Datasheet
617Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201 Datasheet
455Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201_06 Datasheet
339Kb / 13P
   Continuous-Time Bipolar Switch Family
A1101 ALLEGRO-A1101_08 Datasheet
303Kb / 12P
   Continuous-Time Switch
A1205 ALLEGRO-A1205 Datasheet
710Kb / 12P
   Continuous-Time Bipolar Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com