Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGQ28N120B Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXGQ28N120B
Description  High Voltage IGBT with Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGQ28N120B Datasheet(HTML) 5 Page - IXYS Corporation

  IXGQ28N120B Datasheet HTML 1Page - IXYS Corporation IXGQ28N120B Datasheet HTML 2Page - IXYS Corporation IXGQ28N120B Datasheet HTML 3Page - IXYS Corporation IXGQ28N120B Datasheet HTML 4Page - IXYS Corporation IXGQ28N120B Datasheet HTML 5Page - IXYS Corporation IXGQ28N120B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2003 IXYS All rights reserved
IXGQ 28N120B
IXGQ28N120BD1
Fig. 16. Maxim um Trans ient Therm al Res istance
0.10
1.00
1
10
100
1000
Pulse Width - milliseconds
0.50
Fig. 14. Gate Charge
0
3
6
9
12
15
0
10
2030
4050
6070
8090
100
Q
G - nanoCoulombs
V
CE = 600V
I
C = 28A
I
G= 10m A
Fig. 15. Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V
C E - V olts
Cies
Coes
Cres
f = 1 MHz
Fig. 13. De pende nce of Turn-off
Sw itching Tim e on Te m perature
50
100
150
200
250
300
350
400
450
500
550
25
35
45
55
65
75
85
95
105 115 125
T
J - Degrees Centigrade
I
C = 14A
t
d(off)
t
fi
- - - - - -
R
G = 5Ω
V
GE = 15V
V
CE = 960V
I
C = 28A
I
C = 14A
I
C = 56A


Similar Part No. - IXGQ28N120B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGQ20N120B IXYS-IXGQ20N120B Datasheet
598Kb / 6P
   High Voltage IGBT with Diode
IXGQ20N120BD1 IXYS-IXGQ20N120BD1 Datasheet
598Kb / 6P
   High Voltage IGBT with Diode
IXGQ240N30PB IXYS-IXGQ240N30PB Datasheet
158Kb / 5P
   Polar High Speed IGBT For PDP Applications
More results

Similar Description - IXGQ28N120B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSX35N120AU1 IXYS-IXSX35N120AU1 Datasheet
87Kb / 5P
   High Voltage IGBT with Diode
IXGP20N120B IXYS-IXGP20N120B Datasheet
586Kb / 5P
   High Voltage IGBT with Diode
IXGX32N170H1 IXYS-IXGX32N170H1 Datasheet
1Mb / 2P
   High Voltage IGBT with Diode
IXGR32N170AH1 IXYS-IXGR32N170AH1 Datasheet
528Kb / 2P
   High Voltage IGBT with Diode
89358 IXYS-89358 Datasheet
525Kb / 2P
   High Voltage IGBT with Diode
IXSK35N120AU1 IXYS-IXSK35N120AU1 Datasheet
40Kb / 2P
   High Voltage IGBT with Diode
IXSK35N120BD1 IXYS-IXSK35N120BD1 Datasheet
118Kb / 2P
   HIGH VOLTAGE IGBT WITH DIODE
IXGQ20N120B IXYS-IXGQ20N120B Datasheet
598Kb / 6P
   High Voltage IGBT with Diode
IXGH20N120BD1 IXYS-IXGH20N120BD1 Datasheet
495Kb / 5P
   High Voltage IGBT with Diode
IXGR35N120BD1 IXYS-IXGR35N120BD1 Datasheet
525Kb / 2P
   High Voltage IGBT with Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com