Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXKC15N60C5 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXKC15N60C5
Description  Electrically isolated back surface Electrically isolated back surface
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXKC15N60C5 Datasheet(HTML) 4 Page - IXYS Corporation

  IXKC15N60C5 Datasheet HTML 1Page - IXYS Corporation IXKC15N60C5 Datasheet HTML 2Page - IXYS Corporation IXKC15N60C5 Datasheet HTML 3Page - IXYS Corporation IXKC15N60C5 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2009 IXYS All rights reserved
4 - 4
20090209b
IXKC 15N60C5
IXYS reserves the right to change limits, test conditions and dimensions.
Advanced Technical Information
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
0
10
-1
10
-2
10
-3
10
-4
10
-5
10
0
10
-1
10
-2
t p [s]
typ
98%
0
0.1
0.2
0.3
0.4
0.5
-60
-20
20
60
100
140
180
T j [°C]
25 °C
150 °C
0
20
40
60
80
100
02
46
8
10
V GS [V]
7V
10 V
0
0.2
0.4
0.6
0.8
1
1.2
0
10
2030
4050
I D [A]
5V
5.5 V
6V
6.5 V
120V
40 0V
0
1
2
3
4
5
6
7
8
9
10
0
10
203040
Q gate [nC]
25 °C
150 °C
25 °C, 98%
150 °C, 98%
10
2
10
1
10
0
10
-1
00.5
11.5
2
V SD [V]
Ciss
Coss
Crss
10
5
10
4
10
3
10
2
10
1
10
0
0
100
200
300
400
500
V DS [V]
0
100
200
300
400
500
600
20
60
100
140
180
T j [°C]
540
580
620
660
700
-60
-20
20
60
100
140
180
T j [°C]
VDS =
TJV = 150°C
ID = 12 A
VGS = 10 V
VDS > 2·RDS(on) max · ID
TJ =
TJ =
VDS = 120 V
VGS = 0 V
f = 1 MHz
ID = 7.9 A
ID = 0.75 mA
D = tp/T
ID = 12 A pulsed
Fig. 5 Drain-source on-state resistance
Fig. 4 Typ. drain-source on-state resistance
Fig. 7 Forward characteristic
of reverse diode
Fig. 8
Typ. gate charge
Fig. 10 Avalanche energy
Fig. 11 Drain-source breakdown voltage
Fig. 6 Typ. transfer characteristics
Fig. 9 Typ. capacitances


Similar Part No. - IXKC15N60C5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXKC15N60C5 ISC-IXKC15N60C5 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXKC15N60C5

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGC16N60B2 IXYS-IXGC16N60B2 Datasheet
92Kb / 2P
   Electrically Isolated Back Surface
DSS20-01AC IXYS-DSS20-01AC Datasheet
121Kb / 4P
   Electrically Isolated Back Surface
IXFR38N80Q2 IXYS-IXFR38N80Q2 Datasheet
568Kb / 5P
   Electrically Isolated Back Surface
DSEE8-06CC IXYS-DSEE8-06CC Datasheet
65Kb / 2P
   Electrically Isolated Back Surface
IXUC100N055 IXYS-IXUC100N055 Datasheet
575Kb / 2P
   Electrically Isolated Back Surface
IXGC16N60C2 IXYS-IXGC16N60C2 Datasheet
541Kb / 2P
   Electrically Isolated Back Surface
IXGR24N60C IXYS-IXGR24N60C Datasheet
56Kb / 2P
   HiPerFASTTM IGBT ISOPLUS247TM (Electrically Isolated Back Surface)
IXGR60N60C2 IXYS-IXGR60N60C2 Datasheet
612Kb / 6P
   Lightspeed 2TM Series (Electrically Isolated Back Surface)
logo
Meder Electronic
PSMG5005 MEDER-PSMG5005 Datasheet
149Kb / 4P
   Electrically Isolated Back Surface Single MOSFET Die
PSND30E12 MEDER-PSND30E12 Datasheet
125Kb / 1P
   Electrically Isolated Back Surface Single MOSFET Die
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com