Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QFBR-T518Z Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # QFBR-T518Z
Description  Change to improved mold compound
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

QFBR-T518Z Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  QFBR-T518Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED QFBR-T518Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED QFBR-T518Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED QFBR-T518Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Qualification Plan:
Result
Assessment
Result
Assessment
Result
Assessment
Result
Assessment
MSL‐3
Moisture Level 
Definition (MLD) 
MSL – 3
24hrs bake @125°C,
192 +5/‐0 hrs soak at 30°C 
/60%RH,
1x wavesolder  260°C/+ 
5°C, 10s
0/11
Pass
0/11
Pass
0/11
Pass
MSL‐4
Moisture Level 
Definition (MLD) 
MSL – 4
24hrs bake @125°C,
96 +5/‐0 hrs soak at 30°C 
/60%RH,
1x wavesolder  260°C/+ 
5°C, 10s
0/11
Pass
TMCL
Temperature 
Cycling
(TMCL)
MIL‐STD‐883 
Method 1010
Ta =  ‐40°C to +100°C
200cyc, 500cyc, and 
1000cyc @ 25°C
0/33
Pass
0/33
Pass
0/33
Pass
0/33
Pass
uB85/85
TX: Unbiased 
Damp Heat 
(UB85/85)
0/22
Pass
0/22
Pass
B85/85
RX: Biased Damp 
Heat (B85/85)
0/22
Pass
0/22
Pass
HTOL
High Temperature 
Operating Life 
(HTOL)
Section 5.18 (GR‐
468‐CORE)
Ta = 85°C, Vcc=5,25V
168hrs, 500hrs and 
1000hrs @ 25°C
0/22
Pass
0/22
Pass
0/22
Pass
0/22
Pass
Mechanical Shock 
(MS)
1
MIL‐STD‐883
Method 2002B
1500g (peak), 0.5ms,
5 pulses/surface, 6 
surfaces
0/11
Pass
0/11
Pass
0/11
Pass
0/11
Pass
Mechanical 
Vibration (MV)
1
MIL‐STD‐883
Method 2007A
20 – 2000HZ, 20 G
4min/cycle, 4cycle/axis, 
3 axis
0/11
Pass
0/11
Pass
0/11
Pass
0/11
Pass
HFBR‐1521Z
HFBR‐1527Z
HFBR‐2521Z
HFBR‐2526Z
SAM: check 
Delamination @ 0hrs and 
after solder
Test Points
MS/MV
MIL‐STD‐202
Method 103
Ta= 85°C, RH=85%
Vcc=5,25V,
168hrs, 500hrs and 
1000hrs @ 25°C
Post MS/MV
Test
Reference
Condition
JEDEC 020D.1
___________________________________________________________________________________________
These changes have been reviewed and approved by Avago Technologies engineers and managers per Avago
Technologies procedure: Change Control and Customer Notification, A-5962-6052-80.
Please contact your Avago Technologies field sales engineer or Contact Center (http://www.avagotech.com/contact/ ) for
any questions or support requirements. Please return any response as soon as possible, but not to exceed 30 days.


Similar Part No. - QFBR-T518Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
QFBR-S01EK001Z AVAGO-QFBR-S01EK001Z Datasheet
159Kb / 1P
   ST- Connectors
More results

Similar Description - QFBR-T518Z

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28333-PCN-001-A MA-COM-28333-PCN-001-A Datasheet
17Kb / 2P
   Mold Compound and Die Attach Change for ETQFP Package
logo
List of Unclassifed Man...
HF-225F ETC2-HF-225F Datasheet
371Kb / 2P
   Soft, thermally conductive 55째C phase change compound
logo
NEC
HQ1F3P NEC-HQ1F3P Datasheet
111Kb / 6P
   COMPOUND TRANSISTOR
BA1A3Q NEC-BA1A3Q Datasheet
103Kb / 4P
   COMPOUND TRANSISTOR
FB1A4M NEC-FB1A4M Datasheet
111Kb / 8P
   COMPOUND TRANSISTOR
logo
Renesas Technology Corp
BA1A4Z RENESAS-BA1A4Z Datasheet
229Kb / 6P
   COMPOUND TRANSISTOR
2002
logo
Isahaya Electronics Cor...
RT3CLLM ISAHAYA-RT3CLLM Datasheet
141Kb / 4P
   Compound Transistor
logo
NEC
BN1L4Z NEC-BN1L4Z Datasheet
85Kb / 4P
   COMPOUND TRANSISTOR
AA1L4Z NEC-AA1L4Z Datasheet
81Kb / 4P
   COMPOUND TRANSISTOR
logo
T-Global Technology
TG-S606P-1 TGLOBAL-TG-S606P-1 Datasheet
588Kb / 1P
   Thermal Compound
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com