Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QFBR-T531Z Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # QFBR-T531Z
Description  Change to improved mold compound
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

QFBR-T531Z Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  QFBR-T531Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED QFBR-T531Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED QFBR-T531Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED QFBR-T531Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2.
Qualify improved mold compound to achieve better moisture sensitivity level (from MSL 4 to MSL 3)
and
3.
Qualify new leadframe base material to improve matching of coefficient of thermal expansion
Parts Affected:
HFBR-2505CFZ
HFBR-2505CZ
HFBR-2521Z
HFBR-2522Z
HFBR-2523Z
HFBR-2523Z-00A
HFBR-2524Z
HFBR-2531Z
HFBR-2532Z
HFBR-2533Z
HFBR-2541Z
QFBR-2548Z
QFBR-2551Z
QFBR-2573Z
QFBR-521RZ
QFBR-R521Z
QFBR-R531Z
QFBR-TR04Z
QFBR-TR05Z
QFBR-TR10Z
QFBR-5591Z
QFBR-5592Z
QFBR-5594Z
QFBR-5595Z
4.
Qualify alternate photo diode supplier and improved mold compound:
Parts Affected:
QFBR-R518Z
HFBR-2510Z
HFBR-2526Z
HFBR-2536Z
Reasons for Changes:
1.
Improved mold compound:
to improve moisture sensitivity level from MSL 4 to MSL 3 and to harmonize the mold compound in use.
The improved mold compound has been qualified and used in other Avago products since 2007.
2.
New leadframe base material:
to improve the matching of coefficient-of-thermal-expansion. Lead frame layout remains unchanged. All
other 650nm transmitters from Avago have been qualified and shipped with this lead frame material for
more than 15 years.
3.
New photodiode:
to qualify alternative photo diode supplier. The alternate supplier and its photo diode is already qualified
and used in other Avago products since 2007.
Effect of Change on Fit, Form, Function, Quality or Reliability:
Reliability qualifications have been performed to ensure product reliability before the implementation date.
Detailed product characterizations were performed to ensure product compliance to datasheet.


Similar Part No. - QFBR-T531Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
QFBR-S01EK001Z AVAGO-QFBR-S01EK001Z Datasheet
159Kb / 1P
   ST- Connectors
More results

Similar Description - QFBR-T531Z

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28333-PCN-001-A MA-COM-28333-PCN-001-A Datasheet
17Kb / 2P
   Mold Compound and Die Attach Change for ETQFP Package
logo
List of Unclassifed Man...
HF-225F ETC2-HF-225F Datasheet
371Kb / 2P
   Soft, thermally conductive 55째C phase change compound
logo
NEC
HQ1F3P NEC-HQ1F3P Datasheet
111Kb / 6P
   COMPOUND TRANSISTOR
BA1A3Q NEC-BA1A3Q Datasheet
103Kb / 4P
   COMPOUND TRANSISTOR
FB1A4M NEC-FB1A4M Datasheet
111Kb / 8P
   COMPOUND TRANSISTOR
logo
Renesas Technology Corp
BA1A4Z RENESAS-BA1A4Z Datasheet
229Kb / 6P
   COMPOUND TRANSISTOR
2002
logo
Isahaya Electronics Cor...
RT3CLLM ISAHAYA-RT3CLLM Datasheet
141Kb / 4P
   Compound Transistor
logo
NEC
BN1L4Z NEC-BN1L4Z Datasheet
85Kb / 4P
   COMPOUND TRANSISTOR
AA1L4Z NEC-AA1L4Z Datasheet
81Kb / 4P
   COMPOUND TRANSISTOR
logo
T-Global Technology
TG-S606P-1 TGLOBAL-TG-S606P-1 Datasheet
588Kb / 1P
   Thermal Compound
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com