Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CNY17
Description  6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CNY17 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CNY17 Datasheet HTML 1Page - List of Unclassifed Manufacturers CNY17 Datasheet HTML 2Page - List of Unclassifed Manufacturers CNY17 Datasheet HTML 3Page - List of Unclassifed Manufacturers CNY17 Datasheet HTML 4Page - List of Unclassifed Manufacturers CNY17 Datasheet HTML 5Page - List of Unclassifed Manufacturers CNY17 Datasheet HTML 6Page - List of Unclassifed Manufacturers CNY17 Datasheet HTML 7Page - List of Unclassifed Manufacturers CNY17 Datasheet HTML 8Page - List of Unclassifed Manufacturers CNY17 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CNY17 & CNY17F
6-PIN DIP PHOTOTRANSISTOR
OPTOCOUPLER
Product: CNY17 & CNY17F
Date: February 1, 2011
Page 4 of 16
Version# 1.1
Absolute Maximum Rating
Symbol
Parameter
Rating
Units
TSTG
Storage Temperature
-55 to +150
ºC
TOPR
Operating Temperature
-55 to +100
ºC
TSOL
Lead Solder Temperature
(≤10s)
260 for 10 sec
ºC
PTOT
Total Power Dissipation
200
mW
EMITTER
IF
Continuous Forward Current
60
mA
IFM
Peak Forward Current
1
A
VR
Reverse Voltage
6
V
PD
Power Dissipation
70
mW
Power Dissipation Derated above 25 ºC
1.41
mW/ ºC
DETECTOR
VCEO
Collector
–Emitter Voltage
80
V
VCBO
Collector-Base Voltage (Only for CNY17 Series)
80
V
IC
Collector Current
50
mA
VECO
Emitter-Collector Voltage
7
V
PC
Collector Power Dissipation
150
mW
Collector Power Dissipation Derated above 25 ºC
1.76
mW/ºC


Similar Part No. - CNY17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
logo
Siemens Semiconductor G...
CNY17 SIEMENS-CNY17 Datasheet
146Kb / 4P
   TRIOS??PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
CNY17 FAIRCHILD-CNY17 Datasheet
228Kb / 11P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Vishay Siliconix
CNY17 VISHAY-CNY17 Datasheet
129Kb / 9P
   Optocoupler, Phototransistor Output,
Rev. 1.5, 09-Nov-05
logo
List of Unclassifed Man...
CNY17 ETC1-CNY17 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
More results

Similar Description - CNY17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNY17 ETC1-CNY17 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
TIL111 ETC1-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
TIL111 ETC2-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q825 ETC1-Q825 Datasheet
530Kb / 10P
   8-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q815 ETC1-Q815 Datasheet
464Kb / 12P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Unisonic Technologies
83CXXX UTC-83CXXX_15 Datasheet
163Kb / 5P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
List of Unclassifed Man...
Q814 ETC1-Q814 Datasheet
502Kb / 13P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q827 ETC1-Q827 Datasheet
470Kb / 13P
   8-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
4N2X ETC2-4N2X Datasheet
654Kb / 17P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLER
4N2X ETC1-4N2X Datasheet
654Kb / 17P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com