Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q303X Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # Q303X
Description  ZERO-CROSSING TRIAC OPTOCOUPLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Q303X Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button Q303X Datasheet HTML 2Page - List of Unclassifed Manufacturers Q303X Datasheet HTML 3Page - List of Unclassifed Manufacturers Q303X Datasheet HTML 4Page - List of Unclassifed Manufacturers Q303X Datasheet HTML 5Page - List of Unclassifed Manufacturers Q303X Datasheet HTML 6Page - List of Unclassifed Manufacturers Q303X Datasheet HTML 7Page - List of Unclassifed Manufacturers Q303X Datasheet HTML 8Page - List of Unclassifed Manufacturers Q303X Datasheet HTML 9Page - List of Unclassifed Manufacturers Q303X Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Q303X/ Q304X/ Q306X/ Q308X series
ZERO-CROSSING TRIAC
OPTOCOUPLER
Product: Q303X/ Q304X/ Q306X/ Q308X series
Date: February 1, 2011
Page 6 of 15
Version# 1.1
Transfer Characteristic:
Symbol
Characteristic
Device
Test Condition
Range
Unit
Min
Typ
Max
IFT
LED Trigger Current
Q3031
Main terminal
voltage = 3V
-
-
15
mA
Q3041
-
-
Q3061
-
-
Q3081
-
-
Q3032
-
-
10
Q3042
-
-
Q3062
-
-
Q3082
-
-
Q3033
-
-
5
Q3043
Q3063
Q3083
IH
Holding Current
-
280
-
μA
VISO
Isolation voltage
5000
-
-
V


Similar Part No. - Q303X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q303X ETC1-Q303X Datasheet
1Mb / 17P
   ZERO-CROSSING TRIAC OPTOCOUPLER
More results

Similar Description - Q303X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q303X ETC1-Q303X Datasheet
1Mb / 17P
   ZERO-CROSSING TRIAC OPTOCOUPLER
logo
Guangdong Youtai Semico...
MOC3082M UMW-MOC3082M Datasheet
3Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3043SM UMW-MOC3043SM Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3043M UMW-MOC3043M Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3081M UMW-MOC3081M Datasheet
3Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3042M UMW-MOC3042M Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3061M UMW-MOC3061M Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3041M UMW-MOC3041M Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
logo
Siemens Semiconductor G...
IL440 SIEMENS-IL440 Datasheet
23Kb / 2P
   TRIAC PREDRIVER NON-ZERO CROSSING OPTOCOUPLER
logo
Guangdong Youtai Semico...
MOC3083SM UMW-MOC3083SM Datasheet
3Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com