Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBQ28IB0 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QBQ28IB0
Description  0.28??Four Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QBQ28IB0 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QBQ28IB0 Datasheet HTML 1Page - List of Unclassifed Manufacturers QBQ28IB0 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBQ28IB0 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBQ28IB0 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBQ28IB0 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
QBQ28XXZ_series
0.28” Four Digit Display
Product: QBQ28XXZ_series
Date: June 24, 2011
Page 5 of 5
Version# 2.1
Revision History:
Description:
Revision #
Revision Date
New Release of QBQ28XXX_series
V1.0
09/20/2010
Amend Part number to QBQ28XXZ/ add color spec: blue and true
green
V2.0
06/24/2011


Similar Part No. - QBQ28IB0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBQ28IB0 ETC1-QBQ28IB0 Datasheet
303Kb / 5P
   0.28inch Four Digit Display
More results

Similar Description - QBQ28IB0

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNTQ28 INOLUX-HNTQ28 Datasheet
1Mb / 17P
   0.28 Four Digit Numeric Display
logo
LIGITEK electronics co....
LFD265-62-XX-RP11-PF LIGITEK-LFD265-62-XX-RP11-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-63-XX-PF LIGITEK-LFD265-63-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD4H5-62-XX-S LIGITEK-LFD4H5-62-XX-S Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
logo
SunLED Corporation
DUG07A4 SUNLED-DUG07A4 Datasheet
195Kb / 4P
   7mm (0.28) FOUR DIGIT NUMERIC DISPLAY
DUR07A4 SUNLED-DUR07A4 Datasheet
195Kb / 4P
   7mm (0.28) FOUR DIGIT NUMERIC DISPLAY
logo
LIGITEK electronics co....
LFD211-22V-XX-PF LIGITEK-LFD211-22V-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-PF LIGITEK-LFD211-22-XX-PF Datasheet
160Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-SRP13-1 LIGITEK-LFD211-22-XX-SRP13-1 Datasheet
106Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-24S-XX-PF LIGITEK-LFD211-24S-XX-PF Datasheet
156Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com