Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2922 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SK2922
Description  Silicon N Channel MOS FET UHF Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2922 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SK2922 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2922 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2922 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2922 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2922 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2922 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2922 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SK2922
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
10
V
Gate to source voltage
V
GSS
±6V
Drain current
I
D
0.7
A
Drain peak current
I
D(pulse)
Note1
1.4
A
Channel dissipation
Pch
Note2
3W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–45 to +150
°C
Note:
1. PW
≤ 10ms, duty cycle ≤ 50 %
2. Value at Tc = 25
°C
Electrical Characteristics (Ta = 25
°C)
Item
Symbol Min
Typ
Max
Unit
Test Conditions
Zero gate voltage drain current
I
DSS
100
µAV
DS = 10 V, VGS = 0
Gate to source leak current
I
GSS
——
±5.0
µAV
GS = ±6V, VDS = 0
Gate to source cutoff voltage
V
GS(off)
0.4
1.2
V
I
D = 3mA, VDS = 5V
Input capacitance
Ciss
27
pF
V
GS = 2V, VDS = 0, f = 1MHz
Output capacitance
Coss
13
pF
V
DS = 5, VGS = 0, f = 1MHz
Output Power
Pout
31
dBm
V
DS = 4.7V, f =836.5Mhz
Pin = 23dBm
Drain Rational
ηD
57
——%
V
DS = 4.7V, f =836.5Mhz
Pin = 23dBm
Note:
1. Marking is “HX”.


Similar Part No. - 2SK2922

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2920 TOSHIBA-2SK2920 Datasheet
276Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND AND MOTOR DRIVE APPLICATIONS)
2SK2920 TOSHIBA-2SK2920 Datasheet
716Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2920 TOSHIBA-2SK2920 Datasheet
398Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive
2SK2920 TOSHIBA-2SK2920 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK2920 TOSHIBA-2SK2920_06 Datasheet
716Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
More results

Similar Description - 2SK2922

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3390 HITACHI-2SK3390 Datasheet
78Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2596 RENESAS-2SK2596 Datasheet
61Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK2596 RENESAS-2SK2596_07 Datasheet
145Kb / 10P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK3390 RENESAS-2SK3390 Datasheet
180Kb / 12P
   Silicon N-Channel MOS FET UHF Power Amplifier
Nov 08, 2007
logo
Hitachi Semiconductor
2SK3175A HITACHI-2SK3175A Datasheet
79Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK3391 RENESAS-2SK3391_07 Datasheet
150Kb / 10P
   Silicon N-Channel MOS FET UHF Power Amplifier
logo
Hitachi Semiconductor
2SK2795 HITACHI-2SK2795 Datasheet
40Kb / 6P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2595 RENESAS-2SK2595 Datasheet
115Kb / 14P
   Silicon N-Channel MOS FET UHF Power Amplifier
logo
Hitachi Semiconductor
2SK3174A HITACHI-2SK3174A Datasheet
81Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK3391 RENESAS-2SK3391 Datasheet
62Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
Rev.2.00, Apr.14.2004,
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com