Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBS39IG1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QBS39IG1
Description  0.39??Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QBS39IG1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QBS39IG1 Datasheet HTML 1Page - List of Unclassifed Manufacturers QBS39IG1 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBS39IG1 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBS39IG1 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBS39IG1 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
QBS39XXZ_series
0.39” Single Digit Display
Product: QBS39XXZ_series
Date: June 24, 2011
Page 1 of 5
Version# 2.1
Feature:
 0.39” Single digit seven segments display
 Low power consumption
 Packed in tube
 AlInGaP Technology R/Y/AG
 InGaN Technology IB/IG
 XX= color; Z= 1:Common Cathode or 0:Common
Anode
Description:
These 0.39” Single digit seven segments displays are
made with white segment and grey surface. The
viewing distance is up to seven meters.
Application:
 Instrument panels
 Indoor/Outdoor display board
 Audio equipment
Certification & Compliance:
 TS16949
 ISO9001
 RoHS Compliant
Dimension:
Units: mm / tolerance = +/-0.25mm


Similar Part No. - QBS39IG1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBS39IG1 ETC1-QBS39IG1 Datasheet
658Kb / 11P
   0.39inch Single Digit Display
More results

Similar Description - QBS39IG1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBSS390R ETC2-QBSS390R Datasheet
372Kb / 8P
   0.39??Single Digit Display
logo
Marktech Corporate
MTN2139-AG MARKTECH-MTN2139-AG Datasheet
67Kb / 1P
   0.39 Single Digit Display?
logo
China Semiconductor Cor...
CSS-392B7 CHINASEMI-CSS-392B7 Datasheet
185Kb / 6P
   0.39 Inch Single Digit Display
CSS-392E CHINASEMI-CSS-392E Datasheet
192Kb / 6P
   0.39 Inch Single Digit Display
CSS-392G CHINASEMI-CSS-392G Datasheet
192Kb / 6P
   0.39 Inch Single Digit Display
logo
Inolux Corporation
HNTS39 INOLUX-HNTS39 Datasheet
1Mb / 17P
   0.39 Single Digit Numeric Display
logo
Everlight Electronics C...
ELSS-406USRWA EVERLIGHT-ELSS-406USRWA Datasheet
306Kb / 8P
   0.39" Single Digit SMD Display
logo
China Semiconductor Cor...
CSS-392A9 CHINASEMI-CSS-392A9 Datasheet
188Kb / 6P
   0.39 Inch Single Digit Display
CSS-392M9 CHINASEMI-CSS-392M9 Datasheet
192Kb / 6P
   0.39 Inch Single Digit Display
CSS-392S CHINASEMI-CSS-392S Datasheet
189Kb / 6P
   0.39 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com