Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBTS560R Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # QBTS560R
Description  0.56??Three Digit Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QBTS560R Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button QBTS560R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBTS560R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBTS560R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBTS560R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBTS560R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBTS560R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBTS560R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBTS560R Datasheet HTML 9Page - List of Unclassifed Manufacturers QBTS560R Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
QBTS56ZXX
0.56” Three Digit Display
------------------------------------------------------------------------------------------------------------------------------------------
Product: QBTS56ZXX
Date: March 24, 2014
Page 7 of 10
Version# 1.1
Solder Profile & Footprint
Lead-free Solder Profile:
≦5 SEC.
100SEC.MAX.
255-260 °C
217 °C
200 °C
150 °C
60-120SEC.
TIME
SMT Soldering Profile
Pb free reflow soldering Profile
3 °C/SEC.MAX.
3 °C/SEC.MAX.
6 °C/SEC.MAX.
Soldering Profile:
Units: mm / tolerance = +/-0.25mm


Similar Part No. - QBTS560R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBTS390AG ETC1-QBTS390AG Datasheet
380Kb / 8P
   0.39inch Three Digit Display
QBTS390IB ETC1-QBTS390IB Datasheet
380Kb / 8P
   0.39inch Three Digit Display
QBTS390IG ETC1-QBTS390IG Datasheet
380Kb / 8P
   0.39inch Three Digit Display
QBTS390R ETC1-QBTS390R Datasheet
380Kb / 8P
   0.39inch Three Digit Display
QBTS390Y ETC1-QBTS390Y Datasheet
380Kb / 8P
   0.39inch Three Digit Display
More results

Similar Description - QBTS560R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBT56IB1 ETC2-QBT56IB1 Datasheet
303Kb / 5P
   0.56??Three Digit Display
logo
OptoSupply Internationa...
OSL30561-IW OPTOSUPPLY-OSL30561-IW Datasheet
210Kb / 2P
   0.56 Inch Three Digit Display
OSL30561-IX OPTOSUPPLY-OSL30561-IX Datasheet
210Kb / 2P
   0.56 Inch Three Digit Display
logo
P-tec Corporation
PD42-CAMY01 P-TEC-PD42-CAMY01 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
logo
SunLED Corporation
DUY14A3-A SUNLED-DUY14A3-A Datasheet
193Kb / 4P
   14.22mm (0.56) THREE DIGIT NUMERIC DISPLAY
DUY14A3 SUNLED-DUY14A3 Datasheet
189Kb / 4P
   14.22mm (0.56) THREE DIGIT NUMERIC DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BT-N513RD BRIGHT-BT-N513RD Datasheet
81Kb / 1P
   0.56(14.20MM)THREE DIGIT LED DISPLAY
logo
SunLED Corporation
DMR14C3-A SUNLED-DMR14C3-A Datasheet
187Kb / 4P
   14.22mm (0.56") THREE DIGIT NUMERIC DISPLAY
DMR14C3 SUNLED-DMR14C3 Datasheet
188Kb / 4P
   14.22mm (0.56") THREE DIGIT NUMERIC DISPLAY
DUY14C3-B SUNLED-DUY14C3-B Datasheet
187Kb / 4P
   14.22mm (0.56) THREE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com