Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QMR16-05-CW-A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # QMR16-05-CW-A
Description  5W MR16 Spot Light
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QMR16-05-CW-A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  QMR16-05-CW-A Datasheet HTML 1Page - List of Unclassifed Manufacturers QMR16-05-CW-A Datasheet HTML 2Page - List of Unclassifed Manufacturers QMR16-05-CW-A Datasheet HTML 3Page - List of Unclassifed Manufacturers QMR16-05-CW-A Datasheet HTML 4Page - List of Unclassifed Manufacturers QMR16-05-CW-A Datasheet HTML 5Page - List of Unclassifed Manufacturers QMR16-05-CW-A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5W MR16 Spot Light
Product: QMR16-05-XX-Z
Date: March 27, 2014
Page 6 of 6
Version# 1.1
Revision History
Description:
Revision #
Revision Date
New Release of QMR16-05-XX-Z
V1.0
12/11/2013
Add green and blue (25 Deg)
V1.1
03/27/2014
Disclaimer
QT-BRIGHTEK reserves the right to make changes without further notice to any products herein to
improve reliability, function or design. QT-BRIGHTEK does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under
its patent rights, nor the rights of others.
Life Support Policy
QT-
BRIGHTEK’s products are not authorized for use as critical components in life support devices or
systems without the express written approval of QT-BRIGHTEK. As used herein:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant
into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in
accordance with instructions for use provided in the labeling, can be reasonably expected to result in
a significant injury of the user.
2. A critical component in any component of a life support device or system whose failure to perform
can be reasonably expected to cause the failure of the life support device or system, or to affect its
safety or effectiveness.


Similar Part No. - QMR16-05-CW-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QMR16-05-CW-A ETC1-QMR16-05-CW-A Datasheet
330Kb / 6P
   5W MR16 Spot Light
More results

Similar Description - QMR16-05-CW-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QMR16-05-WW-A ETC1-QMR16-05-WW-A Datasheet
330Kb / 6P
   5W MR16 Spot Light
logo
BetLux Electronics
TLL-M16-061 BETLUX-TLL-M16-061 Datasheet
35Kb / 1P
   Spot Lamp Series MR16
TLL-MR16F1W-061 BETLUX-TLL-MR16F1W-061 Datasheet
38Kb / 1P
   Spot Lamp High Power, MR16 base
logo
List of Unclassifed Man...
MR16X-005-3000 ETC2-MR16X-005-3000 Datasheet
300Kb / 5P
   5W MR16 High Power LED Lamp
logo
BetLux Electronics
TLL-MR16F3W-061 BETLUX-TLL-MR16F3W-061 Datasheet
38Kb / 1P
   Spot Lamp High Power, MR16 base
TLL-MR16HT3W-061 BETLUX-TLL-MR16HT3W-061 Datasheet
38Kb / 1P
   Spot Lamp High Power, MR16 base
TLL-MR16H1W-061 BETLUX-TLL-MR16H1W-061 Datasheet
39Kb / 1P
   Spot Lamp High Power, MR16 base
logo
ON Semiconductor
TND373 ONSEMI-TND373 Datasheet
410Kb / 14P
   1W to 5W LED Driver for MR16 LED
Rev.0, Oct-2009
logo
List of Unclassifed Man...
SPTMR16003WF03 ETC2-SPTMR16003WF03 Datasheet
1Mb / 5P
   LED SPT03 Spot Light Series
logo
Shenzhen Huazhimei Semi...
HM4117 HMSEMI-HM4117 Datasheet
600Kb / 8P
   MR16 LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com