Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBS39AG0 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QBS39AG0
Description  0.39??Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QBS39AG0 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QBS39AG0 Datasheet HTML 1Page - List of Unclassifed Manufacturers QBS39AG0 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBS39AG0 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBS39AG0 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBS39AG0 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
QBS39XXZ_series
0.39” Single Digit Display
Product: QBS39XXZ_series
Date: June 24, 2011
Page 2 of 5
Version# 2.1
Electrical / Optical Characteristic (T=25 oC)
Product
Material
Color
IF(mA)
VF(V)
λD (nm)
IV(mcd)
CC
CA
Typ.
Min.
Max.
typ.
QBS39IB1 QBS39IB0
InGaN
Blue
20
3.2
460
470
160
QBS39IG1 QBS39IG0
InGaN
Green
20
3.2
500
535
200
QBS39R1
QBS39R0
AllnGaP
Red
20
2.0
619
629
60
QBS39Y1
QBS39Y0
AllnGaP
Yellow
20
2.0
585
595
35
QBS39AG1 QBS39AG0
AllnGaP
Yellow Green
20
2.0
565
575
25
Absolute Maximum Rating
Material Pd (mW)
Derating liner from 25
oC per dice (mA/ oC)
IF (mA) I*PF (mA) VR (V)
TOP (
oC)
TST (
oC)
InGaN
120
0.4
30
120
5
-40 to + 85
-40 to +100
AllnGaP
70
0.33
25
90
5
-40 to + 85
-40 to +100
*Duty 1/10 @ 1KHz
** IR Reflow for no more than 5 sec @ 260
oC
Pin Configuration
CC
CA


Similar Part No. - QBS39AG0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBS39AG0 ETC1-QBS39AG0 Datasheet
658Kb / 11P
   0.39inch Single Digit Display
More results

Similar Description - QBS39AG0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBSS390R ETC2-QBSS390R Datasheet
372Kb / 8P
   0.39??Single Digit Display
logo
Marktech Corporate
MTN2139-AG MARKTECH-MTN2139-AG Datasheet
67Kb / 1P
   0.39 Single Digit Display?
logo
China Semiconductor Cor...
CSS-392B7 CHINASEMI-CSS-392B7 Datasheet
185Kb / 6P
   0.39 Inch Single Digit Display
CSS-392E CHINASEMI-CSS-392E Datasheet
192Kb / 6P
   0.39 Inch Single Digit Display
CSS-392G CHINASEMI-CSS-392G Datasheet
192Kb / 6P
   0.39 Inch Single Digit Display
logo
Inolux Corporation
HNTS39 INOLUX-HNTS39 Datasheet
1Mb / 17P
   0.39 Single Digit Numeric Display
logo
Everlight Electronics C...
ELSS-406USRWA EVERLIGHT-ELSS-406USRWA Datasheet
306Kb / 8P
   0.39" Single Digit SMD Display
logo
China Semiconductor Cor...
CSS-392A9 CHINASEMI-CSS-392A9 Datasheet
188Kb / 6P
   0.39 Inch Single Digit Display
CSS-392M9 CHINASEMI-CSS-392M9 Datasheet
192Kb / 6P
   0.39 Inch Single Digit Display
CSS-392S CHINASEMI-CSS-392S Datasheet
189Kb / 6P
   0.39 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com