Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR2018040NG03 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STR2018040NG03
Description  300mm Rigid LED Strip
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STR2018040NG03 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STR2018040NG03 Datasheet HTML 1Page - List of Unclassifed Manufacturers STR2018040NG03 Datasheet HTML 2Page - List of Unclassifed Manufacturers STR2018040NG03 Datasheet HTML 3Page - List of Unclassifed Manufacturers STR2018040NG03 Datasheet HTML 4Page - List of Unclassifed Manufacturers STR2018040NG03 Datasheet HTML 5Page - List of Unclassifed Manufacturers STR2018040NG03 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
300mm Rigid LED Strip
Page 1
Tel: 1-408-514-1524
Fax: 1-408-514-1523
Http://www.qt-brightek.com
Copyright © 2010 QT-Brightek Corporation. All rights reserved.
The information in this document is subject to change without
Series
1ft (300mm) Rigid LED Strip
Version
1.0
Date
2012/04/10
Specification
Rigid LED Strip Light


Similar Part No. - STR2018040NG03

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
STR20100LCB PANJIT-STR20100LCB Datasheet
326Kb / 5P
   Surface Mount Low VF Schottky Barrier Rectifier
August 18,2022
STR20100LCB_R2_00001 PANJIT-STR20100LCB_R2_00001 Datasheet
326Kb / 5P
   Surface Mount Low VF Schottky Barrier Rectifier
August 18,2022
STR20100LCT PANJIT-STR20100LCT Datasheet
309Kb / 5P
   Low VF Schottky Barrier Rectifier
March 4,2022
STR20100LCT_T0_00001 PANJIT-STR20100LCT_T0_00001 Datasheet
309Kb / 5P
   Low VF Schottky Barrier Rectifier
March 4,2022
STR20100LFCT PANJIT-STR20100LFCT Datasheet
403Kb / 5P
   Low VF Schottky Barrier Rectifier
March 4,2022
More results

Similar Description - STR2018040NG03

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSP-FSD50GRB-12V-1 LUMEX-SSP-FSD50GRB-12V-1 Datasheet
56Kb / 1P
   Strip LED
logo
Bright View Electronic ...
BVM-S420CW3 BVLED-BVM-S420CW3 Datasheet
264Kb / 7P
   LED STRIP LIGHT
logo
OptoSupply Internationa...
OSMW50815GP-R5MAS1C1A-A OPTOSUPPLY-OSMW50815GP-R5MAS1C1A-A Datasheet
87Kb / 3P
   LED Light Strip
logo
Mean Well Enterprises C...
IRL-RGBW-01 MEANWELL-IRL-RGBW-01 Datasheet
1Mb / 3P
   LED Strip Module
logo
Bright View Electronic ...
BVM-S450 BVLED-BVM-S450 Datasheet
138Kb / 7P
   LED STRIP LIGHT
logo
OptoSupply Internationa...
OSMH50830GP-R5M3Z2C1P-A OPTOSUPPLY-OSMH50830GP-R5M3Z2C1P-A Datasheet
79Kb / 3P
   LED Light Strip
OSMY46K27GH-R5MAZ161D-A OPTOSUPPLY-OSMY46K27GH-R5MAZ161D-A Datasheet
123Kb / 4P
   LED Light Strip
OSMY61K37GH-R5MA5111A-A OPTOSUPPLY-OSMY61K37GH-R5MA5111A-A Datasheet
119Kb / 4P
   LED Light Strip
OSMW05C12GP-R5PTS4C1A-A OPTOSUPPLY-OSMW05C12GP-R5PTS4C1A-A Datasheet
57Kb / 3P
   LED Light Strip
logo
Mean Well Enterprises C...
IRL-RGB-01 MEANWELL-IRL-RGB-01 Datasheet
598Kb / 3P
   LED Strip Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com