Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUET812018WH00 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TUET812018WH00
Description  T8 Leds Tube Light Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TUET812018WH00 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TUET812018WH00 Datasheet HTML 1Page - List of Unclassifed Manufacturers TUET812018WH00 Datasheet HTML 2Page - List of Unclassifed Manufacturers TUET812018WH00 Datasheet HTML 3Page - List of Unclassifed Manufacturers TUET812018WH00 Datasheet HTML 4Page - List of Unclassifed Manufacturers TUET812018WH00 Datasheet HTML 5Page - List of Unclassifed Manufacturers TUET812018WH00 Datasheet HTML 6Page - List of Unclassifed Manufacturers TUET812018WH00 Datasheet HTML 7Page - List of Unclassifed Manufacturers TUET812018WH00 Datasheet HTML 8Page - List of Unclassifed Manufacturers TUET812018WH00 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
T8 Leds Tube Light Series
3 / 9
Tel: 1-408-514-1524
Fax: 1-408-514-1523
Http://www.qt-brightek.com
Copyright © 2010 QT-Brightek Corporation. All rights reserved. The information in this
document is subject to change without notice.
Frosted Lens
Part Number
TUET806009WH00
TUET806009NH00
TUET806009CH00
TUET812018WH00
TUET812018NH00
TUET812018CH00
Options
2ft (600mm) Frosted Lens
4ft (1200mm) Frosted Lens
Input Voltage
AC 90 ~ 265 V
AC 90 ~ 265 V
Power Factor
>0.9
>0.9
Total Power
9W
18W
Quantity of
Leds
120Pcs
LEDs
240Pcs
LEDs
CCT (Typ.)
3000K
4200K
6000K
3000K
4200K
6000K
Total Flux
550 Lm
620 Lm
650 Lm
1100 Lm
1250 Lm
1300 Lm
CRI
65 Ra
70 Ra
75 Ra
65 Ra
70 Ra
75 Ra
Life
40,000hr
40,000hr
View Angle
180°
180°
Length
590mm
1198mm
Diameter
Ф26
Ф26
Connector Type
G13
G13
Construction
Frost Lens + AL Housing + FR4
Frost Lens + AL Housing + FR4
Case
Temperature
52
℃ (25℃ - Ambient Temperature)
52
℃ (25℃ - Ambient Temperature)
Clear Lens
Part Number
TUET806009WH02
TUET806009NH02
TUET806009CH02
TUET812018WH02
TUET812018NH02
TUET812018CH02
Options
0.6 m Clear Lens
1.2m Clear Lens
Input Voltage
AC 90 ~ 265 V
AC 90 ~ 265 V
Power Factor
>0.9
>0.9
Total Power
9W
18W
Quantity of Leds
120 Pcs LEDs
240 Pcs LEDs
CCT (Typ )
3000K
4200K
6000K
3000K
4200K
6000K
Total Flux (Typ)
600 Lm
720 Lm
760 Lm
1220 Lm
1350 Lm
1400 Lm
CRI
65 Ra
70 Ra
75 Ra
65 Ra
70 Ra
75 Ra
Life
50,000hr
50,000hr
View Angle
180°
180°
Length
590mm
1198mm
Diameter
Ф26
Ф26
Connector Type
G13
G13
Construction
Frost Lens + AL Housing + FR4
Frost Lens + AL Housing + FR4
Case
Temperature
52
℃(25℃ Ambient Temperature)
52
℃(25℃ Ambient Temperature)
Specification


Similar Description - TUET812018WH00

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYT8-3528UW-B-288 FORYARD-FYT8-3528UW-B-288 Datasheet
552Kb / 5P
   T8 LED tube
FYT8-5050UW3-B-96 FORYARD-FYT8-5050UW3-B-96 Datasheet
489Kb / 5P
   T8 LED tube
logo
P-tec Corporation
E68I P-TEC-E68I Datasheet
208Kb / 2P
   E68i T8 LED Tube
PLSO-T8AG33000-120 P-TEC-PLSO-T8AG33000-120 Datasheet
201Kb / 2P
   G3 Series LED T8 Tube
logo
Shaanxi Reactor Micro...
RM9003B REACTOR-RM9003B Datasheet
187Kb / 2P
   High-voltage linear 220V/18W/T8 tube light scheme
logo
P-tec Corporation
PLSO-T8AG5-WXXXX-60 P-TEC-PLSO-T8AG5-WXXXX-60 Datasheet
580Kb / 2P
   G5 IPS LED T8 TUBE
PLSO-T8AG4-WXXXX-60 P-TEC-PLSO-T8AG4-WXXXX-60 Datasheet
570Kb / 2P
   G4 IPS LED T8 TUBE
I38I P-TEC-I38I Datasheet
1,019Kb / 7P
   I38i T8 LED Tube
E48I P-TEC-E48I Datasheet
765Kb / 8P
   E48i T8 LED Tube
logo
Shenzhen Huazhimei Semi...
HM7162AL HMSEMI-HM7162AL Datasheet
1Mb / 13P
   T5/T8 series LED fluorescent tube
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com