Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

703W-0007 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 703W-0007
Description  AC RECEPTACLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

703W-0007 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  703W-0007 Datasheet HTML 1Page - List of Unclassifed Manufacturers 703W-0007 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Qualtek Electronics Corp.
PPC DIVISION
Part Number:
Description:
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
B. ZHANG
08-27-02
08-27-02
JJH / 08-27-02
UNIT: mm
703W-00/07
AC RECEPTACLE
CONTROLLED
APPROVED
DATE
DESCRIPTION
REV.
REVISION
B
C
RoHS Compliancy
Updated Specifications
06-01-06
09-02-08
DP
LY
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR
OR COMMUNICATED TO A THIRD PARTY WITHOUT
THE EXPRESS WRITTEN PERMISSION OF AN OFFICER
OF QUALTEK ELECTRONICS.
REV. C
Ø2.0x3.3L
40 ± 0.2
30
24 ± 0.5
0
R5
Ø3.4
27
0.8t
4.8
40 ± 0.2
30.5
Ø3.5
R5
FOR REAR MOUNTING USE
PANEL CUTOUT
40 ± 0.2
28
Ø3.4
R4
C5
FOR REAR MOUNTING USE
PANEL CUTOUT
FOR FRONT MOUNTING USE
PANEL CUTOUT
NOTES:
RATING:
UL, CSA: 15A 250V AC
VDE: 10A 250V AC
APPROVALS: UL, CSA, VDE
COUNTERSUNK HOLES
RoHS COMPLIANT
4.8


Similar Part No. - 703W-0007

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
703W-00-01 QUALTEK-703W-00-01 Datasheet
333Kb / 1P
   AC RECEPTACLE
703W-00-02 QUALTEK-703W-00-02 Datasheet
387Kb / 1P
   AC RECEPTACLE
703W-00-03 QUALTEK-703W-00-03 Datasheet
373Kb / 1P
   AC RECEPTACLE
703W-00-04 QUALTEK-703W-00-04 Datasheet
384Kb / 1P
   AC RECEPTACLE
703W-00-05 QUALTEK-703W-00-05 Datasheet
393Kb / 1P
   AC RECEPTACLE
More results

Similar Description - 703W-0007

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
742W-15-04 QUALTEK-742W-15-04 Datasheet
363Kb / 1P
   AC RECEPTACLE
742W-15-20 QUALTEK-742W-15-20 Datasheet
417Kb / 1P
   AC RECEPTACLE
744W-00-04 QUALTEK-744W-00-04 Datasheet
341Kb / 1P
   AC RECEPTACLE
746W-15-07 QUALTEK-746W-15-07 Datasheet
379Kb / 1P
   AC RECEPTACLE
746W-15-08 QUALTEK-746W-15-08 Datasheet
380Kb / 1P
   AC RECEPTACLE
703W-00-53 QUALTEK-703W-00-53 Datasheet
390Kb / 1P
   AC RECEPTACLE
710W-00-03 QUALTEK-710W-00-03 Datasheet
379Kb / 1P
   AC RECEPTACLE
739W-X2-03 QUALTEK-739W-X2-03 Datasheet
392Kb / 1P
   AC RECEPTACLE
771W-AX2-01 QUALTEK-771W-AX2-01 Datasheet
355Kb / 1P
   AC RECEPTACLE
701W-X2-02 QUALTEK-701W-X2-02 Datasheet
382Kb / 1P
   AC RECEPTACLE
logo
List of Unclassifed Man...
740W-F-02 ETC2-740W-F-02 Datasheet
363Kb / 1P
   AC RECEPTACLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com