Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

712D-5 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # 712D-5
Description  COMMERCIAL TO-5 RELAYS DPDT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

712D-5 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  712D-5 Datasheet HTML 1Page - Teledyne Technologies Incorporated 712D-5 Datasheet HTML 2Page - Teledyne Technologies Incorporated 712D-5 Datasheet HTML 3Page - Teledyne Technologies Incorporated 712D-5 Datasheet HTML 4Page - Teledyne Technologies Incorporated 712D-5 Datasheet HTML 5Page - Teledyne Technologies Incorporated 712D-5 Datasheet HTML 6Page - Teledyne Technologies Incorporated 712D-5 Datasheet HTML 7Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
©200
9 TELEDYNE RELAYS
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
712 Page 94
www.teledynerelays.com
712/
0909/Q3
0
.1
.2
.3
.4
10
20
30
40
50
60
70
.01
0.5
.1
.5
1.0
FREQUENCY (GHz)
FIGURE 1
TYPICAL RF PERFORMANCE
1.92
1.22
1.07
1.02
1.01
1.00
1.00
300
250
200
150
100
50
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
LOAD CURRENT (AMPS DC)
FIGURE 2
TYPICAL DC CONTACT RATING (RESISTIVE)
RETURN
LOSS
(VSWR)
INSER
TION
LOSS
ISOLA
TION
ACR
OSS
CONT
ACT
S
ISOLA
TION
ACR
OSS
POLES
SERIES 712
GENERAL ELECTRICAL SPECIFICATIONS (@25°C) (Notes 2 & 3)
DETAILED ELECTRICAL SPECIFICATIONS (@25°C) (Note 3)
Contact Arrangement
2 Form C (DPDT)
Rated Duty
Continuous
Contact Resistance
0.15 ohm max. before life; 0.25 ohm max. after life at 1A/28Vdc (measured 1/8" from header)
Contact Load Ratings (DC)
(See Fig. 2 for other DC
resistive voltage/current ratings)
Resistive:
1 Amp/28Vdc
Inductive:
200 mA/28Vdc (320 mH)
Lamp:
100 mA/28Vdc
Low Level:
10 to 50 µA/10 to 50mV
Contact Load Ratings (AC)
Resistive:
250 mA/115Vac, 60 and 400 Hz (Case not grounded)
100 mA/115Vac, 60 and 400 Hz (Case grounded)
Contact Life Ratings
10,000,000 cycles (typical) at low level
1,000,000 cycles (typical) at 0.5A/28Vdc resistive
100,000 cycles min. at all other loads specified above
Contact Overload Rating
2A/28Vdc Resistive (100 cycles min.)
Contact Carry Rating
Contact factory
Coil Operating Power
450 milliwatts typical at nominal rated voltage
Operate Time
4.0 msec max. at nominal rated coil voltage
Release Time
712: 3.0 msec max.
712D, 712TN: 6.0 msec max.
Intercontact Capacitance
0.4 pf typical
Insulation Resistance
1,000 megohms min. between mutually isolated terminals
Dielectric Strength
Atmospheric pressure: 350 Vrms/60Hz
Negative Coil Transient (Vdc)
712D, 712TN
2.0 max
Diode P.I.V. (Vdc)
712D, 712TN
60 min.
712TN Transistor
Characteristics
Base Voltage to Turn Off (Vdc)
0.3 min
Emitter-base breakdown Voltage (BVEBO) (Vdc)
6.0 min
Collector-base breakdown Voltage (BVCBO) (@25°C & lc = 100 µA) (Vdc)
60 min
PERFORMANCE CURVES (Note 2)
BASE PART
NUMBERS
(See Note
8 for full P/N example)
712-5
712D-5
712TN-5
712-6
712D-6
712TN-6
712-9
712D-9
712TN-9
712-12
712D-12
712TN-12
712-18
712D-18
712TN-18
712-26
712D-26
712TN-26
Coil Voltage (Vdc)
Nom.
5.0
6.0
9.0
12.0
18.0
26.5
Max.
5.8
8.0
12.0
16.0
24.0
32.0
Coil Resistance (Ohms ±20% @25°C) (712TN: See Note 4)
50
98
220
390
880
1560
Pick-up Voltage (Vdc, Max.) Pulse Operated
3.6
4.2
6.5
8.4
13.0
17.0
712TN Base Current to Turn On (mAdc, Min.)
3.00
2.04
1.36
1.03
0.68
0.50


Similar Part No. - 712D-5

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
712D-5 TELEDYNE-712D-5 Datasheet
310Kb / 6P
   DPDT basic relay
More results

Similar Description - 712D-5

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
712DM2-26 TELEDYNE-712DM2-26 Datasheet
310Kb / 6P
   COMMERCIAL TO-5 RELAYS DPDT
732Y-12 TELEDYNE-732Y-12 Datasheet
365Kb / 3P
   COMMERCIAL SENSITIVE TO-5 RELAYS DPDT
J412-12WM TELEDYNE-J412-12WM Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS DPDT
M3901615-033L TELEDYNE-M3901615-033L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS DPDT
logo
List of Unclassifed Man...
RF300 ETC1-RF300 Datasheet
283Kb / 4P
   HIGH REPEATABILITY BROADBAND TO-5 RELAYS DPDT
logo
Teledyne Technologies I...
420 TELEDYNE-420 Datasheet
748Kb / 6P
   TO-5 RELAYS ESTABLISHED RELIABILITY MILITARY DPDT
07/2021
RF300 TELEDYNE-RF300 Datasheet
874Kb / 8P
   HIGH REPEATABILITY BROADBAND TO-5 RELAYS DPDT
07/2021
RF170-5 TELEDYNE-RF170-5 Datasheet
43Kb / 2P
   COMMERCIAL CENTIGRID MAGNETIC LATCHING R.F. RELAYS DPDT
S172 TELEDYNE-S172 Datasheet
492Kb / 3P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S114 TELEDYNE-S114 Datasheet
399Kb / 4P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com