Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

712D-12 Datasheet(PDF) 3 Page - Teledyne Technologies Incorporated

Part # 712D-12
Description  COMMERCIAL TO-5 RELAYS DPDT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

712D-12 Datasheet(HTML) 3 Page - Teledyne Technologies Incorporated

  712D-12 Datasheet HTML 1Page - Teledyne Technologies Incorporated 712D-12 Datasheet HTML 2Page - Teledyne Technologies Incorporated 712D-12 Datasheet HTML 3Page - Teledyne Technologies Incorporated 712D-12 Datasheet HTML 4Page - Teledyne Technologies Incorporated 712D-12 Datasheet HTML 5Page - Teledyne Technologies Incorporated 712D-12 Datasheet HTML 6Page - Teledyne Technologies Incorporated 712D-12 Datasheet HTML 7Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
712 Page 95
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
©200
9 TELEDYNE RELAYS
www.teledynerelays.com
712/
0909/Q3
10
1
2
3
4
5
6
7
8
9
DIMENSIONS ARE SHOWN IN INCHES (MILLIMETERS)
.370
(9.40)
DIA. MAX.
.335
(8.51)
DIA. MAX.
.275 (6.99) MAX.
+.002 (.05)
.017 (.43) –.001 (.03) DIA.
TRANSISTOR BASE
CONNECTION FOR
712TN ONLY
WIRE LEAD: .75 (19.05) MIN.
TERMINAL LOCATIONS AND PIN NUMBERING (REF. ONLY)
(Viewed from Terminals)
CASE DETAIL
.035 (.89)
± .010 (0.25)
.031 (.79)
± .003 (0.08)
36° ±3°
TYP.
.200 (5.08)
± .010 (.25) DIA.
712
712D
SCHEMATICS ARE VIEWED FROM TERMINALS
712TN
SERIES 712
OUTLINE DIMENSIONS
SCHEMATIC DIAGRAM
GENERAL NOTES
1. Relay contacts will exhibit no chatter in excess of 10 µsec or transfer in excess of
1 µsec.
2. “Typical” characteristics are based on available data and are best estimates. No
on-going verification tests are performed.
3. Unless otherwise specified, parameters are initial values.
4. For Reference Only. Coil resistance not directly measurable on 712TN relays.
5. Circuit is typical for all Series 712TN. Values shown are for 712TN-5 relay and
apply for full temperature range.
Limit base-emitter current to 15 mADC
6. The slash and characters appearing after the slash are not marked on the relay.
7. Unless otherwise specified, relays will be supplied with either gold-plated or
solder-coated leads.
8.
Vcc
Vr
Notes:
Logic 1 activates the relay.
Logic 0 de-activates the relay.
Vcc = logic bias power.
Vr = coil energization voltage.
Pin 10
Pin 9
Pin 1
Logic element
1 = 0.50 to 3.00mA
0 = 0.3Vdc min.
TYPICAL LOGIC INTERFACE
(See Note
5)
Teledyne Part Numbering System for Commercial Relays
712 X
M - 26 / S
Q
Pad Option
(See Appendix)
Relay Series
Optional Ground Pin
(See Appendix )
Coil Voltage
Q= Solder Coated Leads
G= Gold Plated Leads
(Notes
6 and 7)
S= 0.187" leads
(Note
6)


Similar Part No. - 712D-12

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
712D-12 TELEDYNE-712D-12 Datasheet
310Kb / 6P
   DPDT basic relay
More results

Similar Description - 712D-12

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
712DM2-26 TELEDYNE-712DM2-26 Datasheet
310Kb / 6P
   COMMERCIAL TO-5 RELAYS DPDT
732Y-12 TELEDYNE-732Y-12 Datasheet
365Kb / 3P
   COMMERCIAL SENSITIVE TO-5 RELAYS DPDT
J412-12WM TELEDYNE-J412-12WM Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS DPDT
M3901615-033L TELEDYNE-M3901615-033L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS DPDT
logo
List of Unclassifed Man...
RF300 ETC1-RF300 Datasheet
283Kb / 4P
   HIGH REPEATABILITY BROADBAND TO-5 RELAYS DPDT
logo
Teledyne Technologies I...
420 TELEDYNE-420 Datasheet
748Kb / 6P
   TO-5 RELAYS ESTABLISHED RELIABILITY MILITARY DPDT
07/2021
RF300 TELEDYNE-RF300 Datasheet
874Kb / 8P
   HIGH REPEATABILITY BROADBAND TO-5 RELAYS DPDT
07/2021
RF170-5 TELEDYNE-RF170-5 Datasheet
43Kb / 2P
   COMMERCIAL CENTIGRID MAGNETIC LATCHING R.F. RELAYS DPDT
S172 TELEDYNE-S172 Datasheet
492Kb / 3P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S114 TELEDYNE-S114 Datasheet
399Kb / 4P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com