Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

744765051A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 744765051A
Description  WE-KI SMD Wire Wound Ceramic Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

744765051A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  744765051A Datasheet HTML 1Page - List of Unclassifed Manufacturers 744765051A Datasheet HTML 2Page - List of Unclassifed Manufacturers 744765051A Datasheet HTML 3Page - List of Unclassifed Manufacturers 744765051A Datasheet HTML 4Page - List of Unclassifed Manufacturers 744765051A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2.0
1.0
REV
2014-04-09
2004-10-11
DATE
SSt
AWe
BY
HBH
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-KI SMD Wire Wound Ceramic Inductor
Order.- No.
744765051A
SIZE
A4
Size: 0402A
H1: Classification Reflow Profile for SMT components:
H2: Classification Reflow Profiles
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Ramp-up rate (TL to TP)
Liquidous temperature (TL)
Time (tL) maintained above TL
Peak package body temperature (Tp)
Time within 5°C of actual peak temperature (tp)
Ramp-down rate (TP to TL)
Time 25°C to peak temperature
Pb-Free Assembly
150°C
200°C
60-120 seconds
3°C/ second max.
217°C
60-150 seconds
See Table H3
20-30 seconds
6°C/ second max.
8 minutes max.
refer to IPC/JEDEC J-STD-020D
H3: Package Classification Reflow Temperature
PB-Free Assembly
PB-Free Assembly
PB-Free Assembly
Package Thickness
< 1.6 mm
1.6 - 2.5 mm
≥ 2.5 mm
Volume mm³
<350
260°C
260°C
250°C
Volume mm³
350 - 2000
260°C
250°C
245°C
Volume mm³
>2000
260°C
245°C
245°C
refer to IPC/JEDEC J-STD-020D
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 744765051A

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744765051A WURTH-744765051A Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
More results

Similar Description - 744765051A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
744761039C ETC2-744761039C Datasheet
947Kb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
logo
Wurth Elektronik GmbH &...
7447604C WURTH-7447604C Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744761016C WURTH-744761016C Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744761111C WURTH-744761111C Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744765043A WURTH-744765043A Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744765062A WURTH-744765062A Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744765087A WURTH-744765087A Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744765130A WURTH-744765130A Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744760222C WURTH-744760222C Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744762068A WURTH-744762068A Datasheet
1Mb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
744761124C WURTH-744761124C Datasheet
278Kb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com