Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-3864-TR1G Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-3864-TR1G
Description  Surface Mount PIN Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-3864-TR1G Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMP-3864-TR1G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-3864-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-3864-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-3864-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-3864-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-3864-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMP-3864-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMP-3864-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMP-3864-TR1G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Package Dimensions
Outline 23 (SOT-23)
Package Characteristics
Lead Material ........................................... Copper (SOT-323/363); Alloy 42 (SOT-23)
Lead Finish.........................................................................Tin 100% (Lead-free option)
Maximum Soldering Temperature ............................................ 260°C for 5 seconds
Minimum Lead Strength........................................................................... 2 pounds pull
Typical Package Inductance...................................................................................... 2 nH
Typical Package Capacitance..............................................0.08 pF (opposite leads)
Outline SOT-323 (SC-70, 3 Lead)
Outline 363 (SC-70, 6 Lead)
e
B
e2
e1
E1
C
E
XXX
L
D
A
A1
Notes:
XXX-package marking
Drawings are not to scale
DIMENSIONS (mm)
MIN.
0.79
0.000
0.30
0.08
2.73
1.15
0.89
1.78
0.45
2.10
0.45
MAX.
1.20
0.100
0.54
0.20
3.13
1.50
1.02
2.04
0.60
2.70
0.69
SYMBOL
A
A1
B
C
D
E1
e
e1
e2
E
L
e
B
e1
E1
C
E
XXX
L
D
A
A1
Notes:
XXX-package marking
Drawings are not to scale
DIMENSIONS (mm)
MIN.
0.80
0.00
0.15
0.08
1.80
1.10
1.80
0.26
MAX.
1.00
0.10
0.40
0.25
2.25
1.40
2.40
0.46
SYMBOL
A
A1
B
C
D
E1
e
e1
E
L
1.30 typical
0.65 typical
E
HE
D
e
A1
b
A
A2
DIMENSIONS (mm)
MIN.
1.15
1.80
1.80
0.80
0.80
0.00
0.15
0.08
0.10
MAX.
1.35
2.25
2.40
1.10
1.00
0.10
0.30
0.25
0.46
SYMBOL
E
D
HE
A
A2
A1
e
b
c
L
0.650 BCS
L
c


Similar Part No. - HSMP-3864-TR1G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-3864-TR1 HP-HSMP-3864-TR1 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
HSMP-3864-TR1 HP-HSMP-3864-TR1 Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
More results

Similar Description - HSMP-3864-TR1G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386C BOARDCOM-HSMP-386C Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386E BOARDCOM-HSMP-386E Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3860 AVAGO-HSMP-3860_15 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
Agilent(Hewlett-Packard...
HSMP-38XX HP-HSMP-38XX Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386L BOARDCOM-HSMP-386L Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-3862 BOARDCOM-HSMP-3862 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-386X AVAGO-HSMP-386X Datasheet
225Kb / 10P
   Surface Mount PIN Diodes
logo
Agilent(Hewlett-Packard...
HSMP-386X HP-HSMP-386X Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386F BOARDCOM-HSMP-386F Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com