Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3134L Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # 2SK3134L
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK3134L Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button 2SK3134L Datasheet HTML 2Page - Hitachi Semiconductor 2SK3134L Datasheet HTML 3Page - Hitachi Semiconductor 2SK3134L Datasheet HTML 4Page - Hitachi Semiconductor 2SK3134L Datasheet HTML 5Page - Hitachi Semiconductor 2SK3134L Datasheet HTML 6Page - Hitachi Semiconductor 2SK3134L Datasheet HTML 7Page - Hitachi Semiconductor 2SK3134L Datasheet HTML 8Page - Hitachi Semiconductor 2SK3134L Datasheet HTML 9Page - Hitachi Semiconductor 2SK3134L Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SK3134(L),2SK3134(S)
7
0
0.4
0.8
1.2
1.6
2.0
Source to Drain Voltage
V
(V)
SDF
Reverse Drain Current vs.
Source to Drain Voltage
Pulse Test
V
= 0, –5 V
GS
10 V
5 V
100
80
60
40
20
D. U. T
Rg
I
Monitor
AP
V
Monitor
DS
VDD
50
Vin
15 V
0
I D
VDS
I AP
V(BR)DSS
L
VDD
E
=
• L • I
2
1
V
V
– V
AR
AP
DSS
DSS
DD
2
Avalanche Test Circuit
Avalanche Waveform
200
160
120
80
40
25
50
75
100
125
150
0
Channel Temperature Tch (°C)
Maximum Avalanche Energy vs.
Channel Temperature Derating
I
= 35 A
V
= 15 V
duty < 0.1 %
Rg > 50
AP
DD


Similar Part No. - 2SK3134L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3134L ISC-2SK3134L Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3134L-E RENESAS-2SK3134L-E Datasheet
94Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - 2SK3134L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com