Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSQ-8012 Datasheet(PDF) 3 Page - SYNERGY MICROWAVE CORPORATION

Part # MSQ-8012
Description  90쨘 HYBRID COUPLER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

MSQ-8012 Datasheet(HTML) 3 Page - SYNERGY MICROWAVE CORPORATION

  MSQ-8012 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION MSQ-8012 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION MSQ-8012 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION MSQ-8012 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
800 - 1200 MHz
WIDE BANDWIDTH
90º HYBRID COUPLER
SYNSTRIP® MODEL:
MSQ-8012
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © Synergy Microwave Corporation
[ 1 of 1 ]
Data @ 25ºC


Similar Part No. - MSQ-8012

ManufacturerPart #DatasheetDescription
logo
GREEGOO Electric Co.,Lt...
MSQ-85-1000 GREEGOO-MSQ-85-1000 Datasheet
966Kb / 4P
   MSQ Current transformers
MSQ-85-1200 GREEGOO-MSQ-85-1200 Datasheet
966Kb / 4P
   MSQ Current transformers
MSQ-85-1500 GREEGOO-MSQ-85-1500 Datasheet
966Kb / 4P
   MSQ Current transformers
MSQ-85-750 GREEGOO-MSQ-85-750 Datasheet
966Kb / 4P
   MSQ Current transformers
MSQ-85-800 GREEGOO-MSQ-85-800 Datasheet
966Kb / 4P
   MSQ Current transformers
More results

Similar Description - MSQ-8012

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DQK-1723S SYNERGY-DQK-1723S Datasheet
68Kb / 2P
   90쨘 HYBRID COUPLER MODEL
DQP-2-16 SYNERGY-DQP-2-16 Datasheet
83Kb / 2P
   90쨘 HYBRID COUPLER MODEL
SMQ-C68 SYNERGY-SMQ-C68 Datasheet
352Kb / 4P
   90쨘 HYBRID
SMQ-C74 SYNERGY-SMQ-C74 Datasheet
338Kb / 4P
   90쨘 HYBRID
SLQ-54 SYNERGY-SLQ-54 Datasheet
369Kb / 4P
   90쨘 HYBRID
SMQ-C01 SYNERGY-SMQ-C01 Datasheet
376Kb / 4P
   90쨘 HYBRID
SMQ-C23-02 SYNERGY-SMQ-C23-02 Datasheet
76Kb / 2P
   90쨘 HYBRID COUPLER OPTIMIZED BANDWIDTH 50 - 90 MHz
DQS-30-500 SYNERGY-DQS-30-500 Datasheet
291Kb / 3P
   90쨘 HYBRID
SMQ-C05 SYNERGY-SMQ-C05 Datasheet
372Kb / 4P
   90쨘 HYBRID
SMQ-C07 SYNERGY-SMQ-C07 Datasheet
462Kb / 4P
   90쨘 HYBRID
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com