Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3RE-18-120 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # 3RE-18-120
Description  120 WATT POWER ADAPTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

3RE-18-120 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  3RE-18-120 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower 3RE-18-120 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRUMPower
120 WATT POWER ADAPTERS
DES C RI P T I O N
The 3RE series of AC/DC desktop power adapters
are capable of delivering 120 watts of continuous
output power. They are enclosed in a 94V-1 rated
polyphenylene-oxide case with an IEC 320/C6 inlet
to mate with interchangeable cord for world-wide
use. All models meet CISPR 22 and FCC class B
emission limits and comply with UL, CSA, IEC and
CE requirements.
FE AT URES
‧ High efficien c y
‧ Lo w ripp le & noise
‧ Ov er v o l tage protection
‧ Short-circuit protection
‧ O v erpo w e r p r otection
‧ Ov er temperature protec tion
‧ 100 % b u rn-in at full rate d load
‧ S tandb y con s umption les s than 0.5 W
‧ Compliant w i th CEC and Energ y S tar efficienc y
le v e l IV requ irement s
(For all models exc ept 3 R E-12-96)
‧ No load po w e r consumpt ion less th a n 0.5W
‧ Av erage activ e efficienc y
≥ 85 %
‧ Compliant w i th RoHS req u irements
I N PU T S P E C IF IC AT ION S
Input v o lt ag e:
90 to 260VAC
Input freque nc y :
47 to 63H z
Input curren t :
2.0A (rm s) fo r 115VAC
1.0A (rm s) fo r 230VA C
Earth l eakag e curr ent:
Saf e t y Sta n da rd A ppr o va l s :
Nemko EN60950:2000
UL 60950 3rd
CSA C22.2 No. 60950 3rd
RoHS
GENERAL SPECIFICATIONS
Hold-up time:
Turn on delay time:
15 msec minimum at 115VAC
2 seconds maximum
Power factor:
0.98 typical at 115VAC
Efficiency:
86% min.
(80% min. on 3RE-12-96, 3RE-15-105 )
Line regulation:
±0.5% maximum at full load
Inrush current:
60 amps @ 115VAC or 90 amps
@ 230VAC, at 25ºC cold start
Withstand voltage:
3000VAC from input to output
1500VAC from input to ground
MTBF:
150,000 hours at full load at
25ºC ambient, calculated per
MIL-HDBK- 217F
EMC Performance (EN55024)
EN55022:
Class B conducted, Class B radiated
FCC:
Class B conducted, Class B radiated
VCCI:
Class B conducted, Class B radiated
EN61000-3- 2 :
Harmonic distortion, Class A and D
EN61000-3- 3 :
Line flicker
EN61000-4- 2 :
ESD, ±8KV air and ±4KV contact
EN61000-4- 3 :
Radiated immunity, 3V/m
EN61000-4- 4 :
Fast transient/burst, ±1KV
EN61000-4- 5 :
Surge, ±1KV diff, ±2KV com.
EN61000-4- 6 :
Conducted immunity, 3Vrms
EN61000-4- 8 :
Magnetic field immunity, 1A/m
EN61000-4- 11 :
Voltage dips, 30% reduction for
500ms and >95% reduction for 10ms
OUTPUT SPECIFICATIONS
Output voltage/current:
See rat i n g ch art
Total output power:
See rat i n g ch art
Ripple and noise:
350mV pea k t o pea k
max i mu m
Overvoltage protection:
S e t at 11 0 - 140 % o f i t s
nominal out p u t volt age
Overcurrent protection:
All m ode ls pr otected to
short cir c uit cond it ion s
Temperature coefficient:
All ou tput s ± 0 .04%/ º C
max i mu m
Transient response:
Max i mu m ex c u rs ion o f 4%
or bett e r on all mo dels,
reco vering t o 1% of final
va lue w i th in 500µs af ter a
25% st ep loa d ch ange
ENVI RONME N TA L S PECI F I C AT IONS
Operating temperature:
0ºC t o + 40ºC
Storage temperature:
-20ºC to +80 º C
Relative humidity:
10% to 9 5 % non-cond ensing
150µA max. @ 115VAC, 6 0 Hz
250µA m a x. @ 230VAC, 5 0 Hz
(Touch current)
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com
3RE SERIES


Similar Part No. - 3RE-18-120

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
3RE-18-120 TRUMPOWER-3RE-18-120 Datasheet
226Kb / 2P
   120 WATT POWER ADAPTERS
More results

Similar Description - 3RE-18-120

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
3RE-12-96 TRUMPOWER-3RE-12-96 Datasheet
226Kb / 2P
   120 WATT POWER ADAPTERS
TMP120 TRUMPOWER-TMP120 Datasheet
178Kb / 2P
   120 WATT MEDICAL POWER ADAPTERS
3G TRUMPOWER-3G Datasheet
217Kb / 2P
   180 WATT POWER ADAPTERS
TUP110 TRUMPOWER-TUP110 Datasheet
183Kb / 2P
   110 WATT POWER ADAPTERS
3F-12-150 TRUMPOWER-3F-12-150 Datasheet
213Kb / 2P
   150 WATT POWER ADAPTERS
3G-18-180 TRUMPOWER-3G-18-180 Datasheet
217Kb / 2P
   180 WATT POWER ADAPTERS
3F TRUMPOWER-3F Datasheet
213Kb / 2P
   150 WATT POWER ADAPTERS
TMP150 TRUMPOWER-TMP150 Datasheet
172Kb / 2P
   150 WATT MEDICAL POWER ADAPTERS
TMP30 TRUMPOWER-TMP30 Datasheet
191Kb / 2P
   30 WATT MEDICAL POWER ADAPTERS
TMP110 TRUMPOWER-TMP110 Datasheet
169Kb / 2P
   110 WATT MEDICAL POWER ADAPTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com