Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2D100800 Datasheet(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

Part # P2D100800
Description  2-Way Power divider
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

P2D100800 Datasheet(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  P2D100800 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION P2D100800 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION P2D100800 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1000 - 8000 MHz
WIDE BANDWIDTH
2-Way PoWer divider
SUrFaCe MoUNT ModeL: P2d100800
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © Synergy Microwave Corporation
[ 2 of 3 ]
-2.0
-1.0
0.0
1.0
2.0
1000
2000
3000
4000
5000
6000
7000
8000
Frequency (MHz)
0
5
10
15
20
25
30
35
40
45
50
1000
2000
3000
4000
5000
6000
7000
8000
Frequency (MHz)


Similar Part No. - P2D100800

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
P2D180900L SYNERGY-P2D180900L Datasheet
344Kb / 3P
   2-WAY POWER DIVIDER
More results

Similar Description - P2D100800

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACPES0045 MA-COM-MACPES0045_15 Datasheet
96Kb / 4P
   2 Way Power Divider
logo
American Accurate Compo...
JXWBGF-T-2-2490-2690 AAC-JXWBGF-T-2-2490-2690 Datasheet
60Kb / 1P
   2-Way Power Divider
JXWBGF-T-2-4000-6000 AAC-JXWBGF-T-2-4000-6000 Datasheet
70Kb / 1P
   2-Way Power Divider
logo
SYNERGY MICROWAVE CORPO...
P2D2001800 SYNERGY-P2D2001800 Datasheet
386Kb / 3P
   2-WAY POWER DIVIDER
logo
M/A-COM Technology Solu...
MAPD-009918-C209C0 MA-COM-MAPD-009918-C209C0 Datasheet
180Kb / 4P
   2 Way Power Divider
MAPDCT0024 MA-COM-MAPDCT0024 Datasheet
161Kb / 4P
   2 Way Power Divider
logo
American Accurate Compo...
JXWBGF-T-2-0.2-1000 AAC-JXWBGF-T-2-0.2-1000 Datasheet
80Kb / 1P
   2-Way Power Divider
JXWBGF-T-2-2300-5300 AAC-JXWBGF-T-2-2300-5300 Datasheet
67Kb / 1P
   2-Way Power Divider
JXWBGF-T-2-0-3000 AAC-JXWBGF-T-2-0-3000 Datasheet
67Kb / 1P
   2-Way Power Divider
logo
SYNERGY MICROWAVE CORPO...
M2D2428 SYNERGY-M2D2428 Datasheet
81Kb / 2P
   2-WAY POWER DIVIDER
logo
M/A-COM Technology Solu...
MAPD-007874-C20960 MA-COM-MAPD-007874-C20960_15 Datasheet
98Kb / 4P
   2 Way Power Divider
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com