Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # T2
Description  DC/DC CONVERTERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

T2 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  T2 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
-2011-06-13-
T2 Series
24-pin DIP, 1.5 to 3 Watt
TRUMPower
DC/DC CONVERTERS
T
1.5W
1.5W
1.5W
1.5W
1.5W
1.5W
2W
2W
2W
2W
2W
2W
3W
3W
3W
3W
3W
3W
15 VDC IN
24 VDC IN
12 VDC IN
5 VDC IN
OUTPUT
POWER
*MODEL NUMBER
300 mA
125 mA
100 mA
±150 mA
±62 mA
±50 mA
400 mA
166 mA
133 mA
±200 mA
±83 mA
±67 mA
600 mA
250 mA
200 mA
±300 mA
±125 mA
±100 mA
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
OUTPUT
CURRENT
OUTPUT
VOLTAGE
T2-1S0505
T2-1S0512
T2-1S0515
T2-1D0505
T2-1D0512
T2-1D0515
T2-2S0505
T2-2S0512
T2-2S0515
T2-2D0505
T2-2D0512
T2-2D0515
T2-3S0505
T2-3S0512
T2-3S0515
T2-3D0505
T2-3D0512
T2-3D0515
T2-1S1205
T2-1S1212
T2-1S1215
T2-1D1205
T2-1D1212
T2-1D1215
T2-2S1205
T2-2S1212
T2-2S1215
T2-2D1205
T2-2D1212
T2-2D1215
T2-3S1205
T2-3S1212
T2-3S1215
T2-3D1205
T2-3D1212
T2-3D1215
T2-1S1505
T2-1S1512
T2-1S1515
T2-1D1505
T2-1D1512
T2-1D1515
T2-2S1505
T2-2S1512
T2-2S1515
T2-2D1505
T2-2D1512
T2-2D1515
T2-3S1505
T2-3S1512
T2-3S1515
T2-3D1505
T2-3D1512
T2-3D1515
T2-1S2405
T2-1S2412
T2-1S2415
T2-1D2405
T2-1D2412
T2-1D2415
T2-2S2405
T2-2S2412
T2-2S2415
T2-2D2405
T2-2D2412
T2-2D2415
T2-3S2405
T2-3S2412
T2-3S2415
T2-3D2405
T2-3D2412
T2-3D2415
*Add suffix “H” for 3K VDC isolation, “H4” for 4K VDC isolation.
Other input/output combinations available.
BOTTOM
VIEW
0.80
(20.3)
0.60
(15.2)
1.25
(31.8)
0.10
(2.5)
24
0.08
(2.0)
1
13
0.15 MIN.
(3.8)
12
0.40
(10.16)
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Input Voltage Range................................................±10%
Input Filter........................................................Pi Network
OUTPUT SPECIFICATIONS
Voltage Accuracy.........................................±2%, Max.
Line & Load Regulation................................±0.5%, Max.
Ripple and Noise, 20MHz BW..................75 mVp-p, Max.
Short Circuit Protection................................Continuous
GENERAL SPECIFICATIONS
Efficiency........................................................50 - 70%
Isolation Voltage, Input to Output....1,000 VDC, Standard
3,000 VDC, Suffix "H”
4,000 VDC, Suffix “H4”
Isolation Resistance................................109 Ohms, Min.
Isolation Capacitance...................................60 pF, Typ.
Switching Frequency.............Single Output, 40 kHz, Typ.
Dual Output, 300 kHz, Typ.
Operating Temperature Range.................-25°C to +80°C
Storage Temperature Range...................-40°C to +125°C
Cooling...........................................Free Air Convection
MTBF per MIL-HNBD-217F......................3M Hours, Min.
Weight..........................................0.44 oz. (12.5 grams)
Case Material....................Non-Conductive Black Plastic
PIN SIZE: 0.02 (0.5) DIA.
ALL DIMENSIONS IN INCHES (mm)
1,24
12,13
11,14
-
10, 15
2,3,22,23
-
1,24
12,13
11,14
3,10,15,22
2,23
-
-
1,2
23,24
15
10,11
13
-
3,12,14,22
1,2
23,24
13
-
12
-
3,10,11,14,15,22
1,000 VDC
ISOL.
PIN CONNECTIONS
3,000 or 4,000 VDC
DUAL
SINGLE
DUAL
SINGLE
FUNC.
+Vin
-Vin
+Vout
Com.
-Vout
N.C.
No Pin


Similar Description - T2

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com