Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECA2EHG100 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECA2EHG100
Description  Aluminum Electrolytic Capacitors/ NHG
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA2EHG100 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECA2EHG100 Datasheet HTML 1Page - Panasonic Semiconductor ECA2EHG100 Datasheet HTML 2Page - Panasonic Semiconductor ECA2EHG100 Datasheet HTML 3Page - Panasonic Semiconductor ECA2EHG100 Datasheet HTML 4Page - Panasonic Semiconductor ECA2EHG100 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ NHG
– EEE-103 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(120 Hz)
(+105 °C)
tan d
(120 Hz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽i
(V)
(μF)
(mm)
(mm) (mA r.m.s.)
(hours) (mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
400
1
6.3
11.2
18
0.24
2000
0.5
2.5
5.0
2.5
ECA2GHG010( )
200
2000
2.2
8
11.5
30
0.24
2000
0.6
3.5
5.0
ECA2GHG2R2( )
200
1000
3.3
10
12.5
40
0.24
2000
0.6
5.0
5.0
ECA2GHG3R3( )
200
500
4.7
10
16
50
0.24
2000
0.6
5.0
5.0
ECA2GHG4R7( )
200
500
10
10
20
80
0.24
2000
0.6
5.0
5.0
ECA2GHG100( )
200
500
22
12.5
25
145
0.24
2000
0.6
5.0
5.0
ECA2GHG220( )
200
500
33
16
25
195
0.24
2000
0.8
7.5
7.5
ECA2GHG330( )
100
250
47
16
31.5
250
0.24
2000
0.8
7.5
ECA2GHG470
100
450
1
8
11.5
18
0.24
2000
0.6
3.5
5.0
ECA2WHG010( )
200
1000
2.2
10
12.5
29
0.24
2000
0.6
5.0
5.0
ECA2WHG2R2( )
200
500
3.3
10
16
41
0.24
2000
0.6
5.0
5.0
ECA2WHG3R3( )
200
500
4.7
10
20
49
0.24
2000
0.6
5.0
5.0
ECA2WHG4R7( )
200
500
10
12.5
20
75
0.24
2000
0.6
5.0
5.0
ECA2WHG100( )
200
500
22
16
25
115
0.24
2000
0.8
7.5
7.5
ECA2WHG220( )
100
250
33
16
31.5
155
0.24
2000
0.8
7.5
ECA2WHG330
100
· When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch
✽B=5 mm, 7.5 mm, i=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
01 Oct. 2013


Similar Part No. - ECA2EHG100

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA2EHG100 PANASONIC-ECA2EHG100 Datasheet
317Kb / 5P
   Radial Lead Type
ECA2EHG100 PANASONIC-ECA2EHG100 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA2EHG100 PANASONIC-ECA2EHG100 Datasheet
317Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA2EHG100 PANASONIC-ECA2EHG100 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA2EHG100 PANASONIC-ECA2EHG100 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors NHG
More results

Similar Description - ECA2EHG100

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-1EHG331 PANASONIC-ECA-1EHG331 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG331 PANASONIC-ECA-1JHG331 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-2AHG101 PANASONIC-ECA-2AHG101 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1HHG100 PANASONIC-ECA-1HHG100 Datasheet
81Kb / 5P
   Aluminum Electrolytic Capacitors/NHG
ECA-1VHG222B PANASONIC-ECA-1VHG222B Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG471B PANASONIC-ECA-1JHG471B Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1VHG222 PANASONIC-ECA-1VHG222 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-0JHG332 PANASONIC-ECA-0JHG332 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG221 PANASONIC-ECA-1JHG221 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA0JHG221 PANASONIC-ECA0JHG221_13 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors NHG
ECA-2AHG471B PANASONIC-ECA-2AHG471B Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com