Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T7-2S1215N Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # T7-2S1215N
Description  DC/DC CONVERTERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

T7-2S1215N Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  T7-2S1215N Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
24 VDC IN
12 VDC IN
5 VDC IN
500 mA
400 mA
167 mA
134 mA
±200 mA
±84 mA
±67 mA
*MODEL NUMBER
OUTPUT
POWER
OUTPUT
VOLTAGE
OUTPUT
CURRENT
3.3 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
1.7W
2W
2W
2W
2W
2W
2W
T7-2S053.3N
T7-2S0505N
T7-2S0512N
T7-2S0515N
T7-2D0505N
T7-2D0512N
T7-2D0515N
T7-2S243.3N
T7-2S2405N
T7-2S2412N
T7-2S2415N
T7-2D2405N
T7-2D2412N
T7-2D2415N
T7-2S123.3N
T7-2S1205N
T7-2S1212N
T7-2S1215N
T7-2D1205N
T7-2D1212N
T7-2D1215N
-01/2008-
TRUMPower
DC/DC CONVERTERS
T7-2N Series
14-Pin DIP, Unregulated 2 Watt
T
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
* Add suffix "H" for 3K VDC isolation version.
48V input and other input/output combinations are also available.
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Input Voltage Range.................................................±10%
Input Filter........................................................Capacitors
OUTPUT SPECIFICATIONS
Voltage Accuracy..............................................±5%, Max.
Voltage Balance, Balance Load.......................±1%, Max.
Line Regulation, FL...............................±1.2%/%Vin, Typ.
Load Regulation, FL-20%FL.............................±8%, Typ.
Ripple and Noise, 20MHz BW..................75 mVp-p, Max.
Short Circuit Protection...................................Momentary
GENERAL SPECIFICATIONS
Efficiency.............................................................72- 85%
Isolation Voltage, Input to Output........1K VDC, Standard
3K VDC, Suffix "H"
Isolation Resistance...................................109 Ohms, Min.
Isolation Capacitance.......................................60pF, Typ.
Switching Frequency.....................................80 kHz, Typ.
Operating Temperature, No Derating.......-25°C to +71°C
Storage Temperature Range..................-40°C to +125°C
Cooling...............................................Free Air Convection
MTBF per MIL-HDBK-217F @25°C..........>2,000k Hours
Weight....................................................0.1 oz. (3 grams)
Case Material.....................Non-Conductive Black Plastic
PIN
STANDARD
PIN CONNECTIONS
1
7
8
9
10
11
14
*NC: No Connection
*NP: No Pin
-Vin
*NC
*NP
+Vout
*NP
-Vout
+Vin
3K VDC ISOLATION
SINGLE
SINGLE
DUAL
DUAL
-Vin
*NC
Com.
+Vout
*NP
-Vout
+Vin
-Vin
*NC
+Vout
*NP
-Vout
*NP
+Vin
-Vin
*NC
+Vout
Com.
-Vout
*NP
+Vin
PIN SIZE: 0.02 X 0.01 INCH
ALL DIMENSIONS IN INCHES (mm)
0.40
(10.16)
0.30
(7.62)
0.10
(2.54)
1
0.12
(3.05)
H
0.27
(6.85)
BOTTOM
VIEW
7
8
14
0.10
(2.54)
0.80
(20.32)


Similar Part No. - T7-2S1215N

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
T7-2S1215N TRUMPOWER-T7-2S1215N Datasheet
28Kb / 1P
   DC/DC CONVERTERS 14-Pin DIP, Unregulated 2 Watt
T7-2S1215NH6 TRUMPOWER-T7-2S1215NH6 Datasheet
21Kb / 1P
   DC/DC CONVERTERS
More results

Similar Description - T7-2S1215N

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com