Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5333B Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # 1N5333B
Description  Silicon planar power zener diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

1N5333B Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  1N5333B Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 1N5333B Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 1N5333B Datasheet HTML 3Page - Tiger Electronic Co.,Ltd 1N5333B Datasheet HTML 4Page - Tiger Electronic Co.,Ltd 1N5333B Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2
10
.2
.001
.01
5
.1
20
100
.5
5
20
.5
1
50
10
1
.005
.05
D=0
D=0.01
D=0.05
D=0.1
D=0.2
D=0.5
FIG.1 --FORWARD DERATING CURVE
NUMBER OF CYCLES AT 60 Hz
FIG.2 -- TEMPERATURE COEFFICIENT RANGE
FIG.3 -- TYPICAL THERMAL RESISTANCE
FIG.4 -- MAXIMUM NON-REPETITIVE SURGE CURRENT
L/LEAD LENGTH TO HEAT SINK(INCH)
AMBIENT TEMPERATURE,
Vz,ZENER VOLTACE @IZT(VOLTS)
TIME SECONDS
FIG.5 -- TYPICAL THERMAL RESPONSE
40
.1
28
40
1
10
4
5
10
20
30
60
80
100 200
.2
.4
2
4
20
30
10
20
0
0.2
.4
40
.6
.8
1
200
100
50
10
20
5
0
20
160
40
80
120
200
300
60
100
140
180
220
240
RANGE
8
2
6
0
020
60
40
100 120
140
80
160 180
200
4
L-LEAD LENGTH
TO HEAT SINK
Ratings And Characteristic Curves
1N5333B-1N5388B
Zener Diode


Similar Part No. - 1N5333B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5333B MOTOROLA-1N5333B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Diotech Company.
1N5333B DIOTECH-1N5333B Datasheet
869Kb / 3P
   5W SILICON ZENER DIODE
logo
Guangdong Kexin Industr...
1N5333B KEXIN-1N5333B Datasheet
2Mb / 5P
   Zener Diodes
logo
Boca Semiconductor Corp...
1N5333B BOCA-1N5333B Datasheet
428Kb / 5P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
EIC discrete Semiconduc...
1N5333B EIC-1N5333B Datasheet
59Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1N5333B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com