Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5337B Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # 1N5337B
Description  Silicon planar power zener diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

1N5337B Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  1N5337B Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 1N5337B Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 1N5337B Datasheet HTML 3Page - Tiger Electronic Co.,Ltd 1N5337B Datasheet HTML 4Page - Tiger Electronic Co.,Ltd 1N5337B Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (T
A=25℃)
IR
VR
µA
V
1N5333B
3.3
380
3.0
400
300
1.0
20
0.85
1440
1N5334B
3.6
350
2.5
500
150
1.0
18.7
0.80
1320
1N5335B
3.9
320
2.0
500
50
1.0
17.6
0.54
1220
1N5336B
4.3
290
2.0
500
10
1.0
16.4
0.49
1100
1N5337B
4.7
260
2.0
450
5.0
1.0
15.3
0.44
1010
1N5338B
5.1
240
1.5
400
1.0
1.0
14.4
0.39
930
1N5339B
5.6
220
1.0
400
1.0
2.0
13.4
0.25
865
1N5340B
6.0
200
1.0
300
1.0
3.0
12.7
0.19
790
1N5341B
6.2
200
1.0
200
1.0
3.0
12.4
0.10
765
1N5342B
6.8
175
1.0
200
10
5.2
11.5
0.15
700
1N5343B
7.5
175
1.5
200
10
5.7
10.7
0.15
630
1N5344B
8.2
150
1.5
200
10
6.2
10.0
0.20
580
1N5345B
8.7
150
2.0
200
10
6.6
9.5
0.20
545
1N5346B
9.1
150
2.0
150
7.5
6.9
9.2
0.22
520
1N5347B
10
125
2.0
125
5.0
7.6
8.6
0.22
475
1N5348B
11
125
2.5
125
5.0
8.4
8.0
0.25
430
1N5349B
12
100
2.5
125
2.0
9.1
7.5
0.25
395
1N5350B
13
100
2.5
100
1.0
9.9
7.0
0.25
365
1N5351B
14
100
2.5
75
1.0
10.6
6.7
0.25
340
1N5352B
15
75
2.5
75
1.0
11.5
6.3
0.25
315
1N5353B
16
75
2.5
75
1.0
12.2
6.0
0.30
295
1N5354B
17
70
2.5
75
0.5
12.9
5.8
0.35
280
1N5355B
18
65
2.5
75
0.5
13.7
5.5
0.40
264
1N5356B
19
65
3.0
75
0.5
14.4
5.3
0.40
250
1N5357B
20
65
3.0
75
0.5
15.2
5.1
0.40
237
1N5358B
22
50
3.5
75
0.5
16.7
4.7
0.45
216
1N5359B
24
50
3.5
100
0.5
18.2
4.4
0.55
198
1N5360B
25
50
4.0
110
0.5
19.0
4.3
0.55
190
1N5361B
27
50
5.0
120
0.5
20.6
4.1
0.60
176
1N5362B
28
50
6.0
130
0.5
21.2
3.9
0.60
170
1N5363B
30
40
8.0
140
0.5
22.8
3.7
0.60
158
1N5364B
33
40
10
150
0.5
25.1
3.5
0.60
144
1N5365B
36
30
11
160
0.5
27.4
3.5
0.65
132
1N5366B
39
30
14
170
0.5
29.7
3.1
0.65
122
1N5367B
43
30
20
190
0.5
32.7
2.8
0.70
110
1N5368B
47
25
25
210
0.5
35.8
2.7
0.80
100
1N5369B
51
25
27
230
0.5
38.8
2.5
0.90
93
1N5370B
56
20
35
280
0.5
42.6
2.3
1.00
86
1N5371B
60
20
40
350
0.5
45.5
2.2
1.20
79
1N5372B
62
20
42
400
0.5
47.1
2.1
1.35
76
IZT
mA
Zener voltage
(Note 2)
Max Reverse Leakage
Current
IR
(Note 3)
A
VZ
(Note 4)
V
IZM
(Note 5)
mA
ZZT@IZK =1µA
Type
(Note 1)
Maximum Zener
Impedance
(Note 2)
ZZT@IZT
VZ@IZT
V
1N5333B-1N5388B
Zener Diode


Similar Part No. - 1N5337B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5337B MOTOROLA-1N5337B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
SEMTECH ELECTRONICS LTD...
1N5337B SEMTECH_ELEC-1N5337B Datasheet
312Kb / 3P
   5 W SILICON ZENER DIODES
logo
Guangdong Kexin Industr...
1N5337B KEXIN-1N5337B Datasheet
2Mb / 5P
   Zener Diodes
logo
Boca Semiconductor Corp...
1N5337B BOCA-1N5337B Datasheet
428Kb / 5P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Diotech Company.
1N5337B DIOTECH-1N5337B Datasheet
869Kb / 3P
   5W SILICON ZENER DIODE
More results

Similar Description - 1N5337B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com