Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5367B Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # 1N5367B
Description  Silicon planar power zener diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

1N5367B Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  1N5367B Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 1N5367B Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 1N5367B Datasheet HTML 3Page - Tiger Electronic Co.,Ltd 1N5367B Datasheet HTML 4Page - Tiger Electronic Co.,Ltd 1N5367B Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (T
A=25℃)
IR
VR
µA
V
1N5373B
68
20
44
500
0.5
51.7
2.0
1.5
70
1N5374B
75
20
45
620
0.5
56.0
1.9
1.6
63
1N5375B
82
15
65
720
0.5
62.2
1.8
1.8
58
1N5376B
87
15
75
760
0.5
66.0
1.7
2.0
54.5
1N5377B
91
15
75
760
0.5
69.2
1.6
2.2
52.5
1N5378B
100
12
90
800
0.5
76.0
1.5
2.5
47.5
1N5379B
110
12
125
1000
0.5
83.6
1.4
2.5
43.0
1N5380B
120
10
170
1150
0.5
91.2
1.3
2.5
39.5
1N5381B
130
10
190
1250
0.5
98.8
1.2
2.5
36.6
1N5382B
140
8.0
230
1500
0.5
106
1.2
2.5
34.0
1N5383B
150
8.0
330
1500
0.5
114
1.1
3.0
31.6
1N5384B
160
8.0
350
1650
0.5
122
1.1
3.0
29.4
1N5385B
170
8.0
380
1750
0.5
129
1.0
3.0
28.0
1N5386B
180
5.0
430
1750
0.5
137
1.0
4.0
26.4
1N5387B
190
5.0
450
1850
0.5
144
0.9
5.0
25.0
1N5388B
200
5.0
480
1850
0.5
152
0.9
5.0
23.6
NOTE:
1.TOLERANCE AND VOLTAGE DESIGNATION-The JEDEC type numbers shown indicate a tolerance of ±10% with guaranteed limits on only Vz, IR, Ir, and
VF as shown in the electrical characteristics table. Units with guaranteed limits on all seven parameters are indicated by suffix "B" for ±5% tolerance.
2.ZENER VOLTAGE (Vz) AND IMPEDANCE (ZZT & ZZK) - Test conditions for zener voltage and impedance are as follows;Iz is applied 40±10ms prior to
reading. Mounting contacts are located from the inside edge of mounting clips to the body of the diode.
3.SURGE CURRENT (Ir) - Surge current is specified as the maximum allowable peak, non-recurrent square-wave current with a pulse width, PW, of 8.3ms.
The data given in Fig 5. May be used to find the maximum surge current for a quare wave of any pulse width between 1 ms by plotting the applicable
points on logarithmic paper. Examples of this, using the 6.8v and 200v zeners, are shown in Fig 6. Mounting contact located as specified in NOTE 3.
4.VOLTAGE REGULATION (Vz) - Test conditions for voltage regulation are as follows: Vz measurements are the made at 10% and then at 50% of the Iz max
value listed in the electrical characteristics table. The test currents are the same for the 5% and 10% tolerance devices. The test current time druation for
each Vz measurement is 40±10ms.Mounting contact located as specified in NOTE 2.
5.MAXIMUM REGULATOR CURRENT (IZM) - The maximum current shown is based on the maximum voltage of a 5% type unit. Therefore, it applies only to
the B-suffix device. The actual IZM for any device may not exceed the value of 5 watts divided by the actual Vzof the device. TL=75℃ at 3/8" maximum from
the device body.
ZZT@IZK =1µA
Type
(Note 1)
Maximum Zener
Impedance
(Note 2)
ZZT@IZT
Zener voltage
(Note 2)
VZ@IZT
V
IZT
mA
Max Reverse Leakage
Current
IR
(Note 3)
A
VZ
(Note 4)
V
IZM
(Note 5)
mA
1N5333B-1N5388B
Zener Diode


Similar Part No. - 1N5367B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5367B MOTOROLA-1N5367B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Microsemi Corporation
1N5367B MICROSEMI-1N5367B Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
Semikron International
1N5367B SEMIKRON-1N5367B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Yangzhou yangjie electr...
1N5367B YANGJIE-1N5367B Datasheet
447Kb / 5P
   Zener Diodes
logo
Pan Jit International I...
1N5367B PANJIT-1N5367B Datasheet
53Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1N5367B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com