Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5376B Datasheet(PDF) 5 Page - Tiger Electronic Co.,Ltd

Part # 1N5376B
Description  Silicon planar power zener diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

1N5376B Datasheet(HTML) 5 Page - Tiger Electronic Co.,Ltd

  1N5376B Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 1N5376B Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 1N5376B Datasheet HTML 3Page - Tiger Electronic Co.,Ltd 1N5376B Datasheet HTML 4Page - Tiger Electronic Co.,Ltd 1N5376B Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PW,PULSE WIDTH(ms)
Vz,ZENER VOLTAGE(VOLTS)
FIG.6 -- PEAK SURGECURRENT VERSUS PULSEWIDTH
Vz,ZENER VOLTAGE(VOLTS)
FIG.7 -- ZENERVOLTAGEVERSUS ZENERCURRENT
Vz=6.8 THRU10 VOLTS
FIG.8 -- ZENERVOLTAGEVERSUS ZENERCURRENT
Vz=11 THRU75 VOLTS
FIG.9 -- ZENERVOLTAGEVERSUS ZENERCURRENT
Vz=82 THRU200 VOLTS
Vz,ZENER VOLTAGE(VOLTS)
.1
110
1000
100
.2
.5
1
20
10
5
2
30
VZ=6.8V
VZ=200V
100
1
10
.1
12
4
310
1000
57
68
9
T=25℃
Tc=25℃
100
1
10
.1
10
20
40
30
1000
50
70
60
80
T=25℃
100
1
10
.1
80
100
140
120
1000
160
200
180
220
Ratings And Characteristic Curves
1N5333B-1N5388B
Zener Diode


Similar Part No. - 1N5376B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5376B MOTOROLA-1N5376B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
New Jersey Semi-Conduct...
1N5376B NJSEMI-1N5376B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Semikron International
1N5376B SEMIKRON-1N5376B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Anova Technologies CO.,...
1N5376B ANOVA-1N5376B Datasheet
255Kb / 3P
   Axial Lead Zener Diodes
logo
Diotec Semiconductor
1N5376B DIOTEC-1N5376B Datasheet
85Kb / 2P
   Silicon-Power-Zener Diodes (non-planar technology)
More results

Similar Description - 1N5376B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com