Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5377B Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 1N5377B
Description  Silicon planar power zener diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

1N5377B Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  1N5377B Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 1N5377B Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 1N5377B Datasheet HTML 3Page - Tiger Electronic Co.,Ltd 1N5377B Datasheet HTML 4Page - Tiger Electronic Co.,Ltd 1N5377B Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Silicon planar power zener diodes
For use in stabilizing and clipping curcuits with high
power rating.
Standard zener voltage tolerance is ±10%. Add
Case:DO-
15
Polarity: cathode Band
Marking: type number
Approx. weight: 0.40grams
(2) 8.3ms single half sine-wave, or equivalent square wave, duty cycle=4 pulses per minute maximum.
Zener current (see Table "Characteristics")
Storage temperature range
Ts
-55---+150
Peak forward surge current 8.3ms single half sine-wave superimposed on rated
load (JEDEC Method)(NOTE1,2)
IFSM
see fig.5
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
N
OTES: (1) Mounted on 8.0mm2 copper pads to each terminal.
Junction temperature
TJ
-55---+150
A
DC power dissipation @ T
L=75, measure at zero lead length (Fig.1)
derate above 75 (NOTE1)
PD
5.0
40.0
W
mW
suffix "B" for ±5% tolerance. other zener voltage
and tolerances are available upon request.
POWER DISSIPATION: 5.0 W
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UNIT
VALUE
SYMBOL
1N5333B-1N5388B
Zener Diode
Features
Mechanical Data
Dimensions in inches and (millimeters)
DO-15
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 1N5377B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N5377B NJSEMI-1N5377B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Motorola, Inc
1N5377B MOTOROLA-1N5377B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Insel Rectifier India P...
1N5377B IRI-1N5377B Datasheet
204Kb / 3P
   ZENER DIODE
logo
Semikron International
1N5377B SEMIKRON-1N5377B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
New Jersey Semi-Conduct...
1N5377B NJSEMI-1N5377B Datasheet
168Kb / 1P
   DIODE
More results

Similar Description - 1N5377B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com