Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB4BG21 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XB4BG21
Description  Key switches with key no. 455, 421E, 458A, 520E, 3131A
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XB4BG21 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XB4BG21 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
40
HarmonyXB4 metal
22 mm push buttons
Key switches with key no. 455, 421E, 458A,
520E, 3131A
References
Key switches (1) (2)
Screw clamp terminal connections (Schneider Electric anti-retightening system)
Shape
of head
Type of
operator
Type of contact
Positions
Reference
Weight
kg
Number
Type
N/O
N/C
Complete units
Key switch
with key no. 455
1
2-positio
90°
Stay put
XB4BG21
(ZB4BZ101 + ZB4BG2)
0.153
XB4BG41
(ZB4BZ101 + ZB4BG4)
0.153
Spring return
to left
XB4BG61
(ZB4BZ101 + ZB4BG6)
0.153
2
3-position
± 45°
Stay put
XB4BG03
(ZB4BZ103 + ZB4BG0)
0.153
XB4BG33
(ZB4BZ103 + ZB4BG3)
0.153
Heads only
Key switch with key no. 455 (3) (4) 2-position
90°
Stay put
ZB4BG2
0.098
ZB4BG02
0.098
ZB4BG4
0.098
Spring return
from right to left
ZB4BG6
0.098
3-position
± 45°
Stay put
ZB4BG0
0.098
ZB4BG03
0.098
ZB4BG04
0.098
ZB4BG3
0.098
ZB4BG5
0.098
ZB4BG9
0.098
ZB4BG09
0.098
Spring return
from left to center
ZB4BG1
0.098
ZB4BG01
0.098
Spring return
to center
ZB4BG7
0.098
Spring return
from right to
center
ZB4BG8
0.098
ZB4BG05
0.098
ZB4BG08
0.098
Heads with black metal bezel
To order, add a figure
7 to the references selected from above. Example: ZB4BG2 becomes ZB4BG27.
(1) Recommended maximum number of contacts and sequence of contacts constituting the body (mounting collar + contact) associated with the head,
see page 24.
(2) The symbol
indicates key withdrawal position(s).
(3) Other key numbers:
- key no. 421E: add suffix
12 to the reference.
- key no. 458A: add suffix
10 to the reference.
- key no. 520E: add suffix
14 to the reference.
- key no. 3131A: add suffix
20 to the reference.
Example: For a switch head with key no. 421E, 2-position stay put, with key withdrawal from the left-hand position, the reference becomes:
ZB4BG212.
(4) For specific keys with other numbers, please consult your Regional Sales Office.
Note: For contact block and mounting collar ordering information, see pages 48, 50, 51 and 52.
XB4BG33
ZB4BG0
Introduction:
page 14
Specifications:
page 20
Dimensions:
page 72
Assembly of other products using body/contact assemblies, see page 48; accessories, see page 62


Similar Part No. - XB4BG21

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XB4BG21 SCHNEIDER-XB4BG21 Datasheet
163Kb / 5P
   Harmony XB4, Key switch selector, metal, black, 횠22, key n째455, 2 positions, stay put, 1 NO
XB4BG21GEX SCHNEIDER-XB4BG21GEX Datasheet
137Kb / 5P
   Explosive atmosphere - 455 Key selector switch 2 positions free at left
Jan 26, 2022
More results

Similar Description - XB4BG21

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
NSYTHL455PLM SCHNEIDER-NSYTHL455PLM Datasheet
80Kb / 2P
   External handle with 455 barrel & key
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
   Key Switches
MRKC1052B-C-10 COPAL-MRKC1052B-C-10 Datasheet
391Kb / 2P
   Key Switches
logo
Schneider Electric
ZB4BG312 SCHNEIDER-ZB4BG312 Datasheet
406Kb / 16P
   Head for key selector switch, Harmony XB4, with 421e
logo
ITT Industries
K6B1.53N ITT-K6B1.53N Datasheet
197Kb / 3P
   Miniature Key Switches
logo
C&K Components
K6BGN1.53NL306 CK-COMPONENTS-K6BGN1.53NL306 Datasheet
188Kb / 3P
   Miniature Key Switches
logo
Schneider Electric
ZB4BG314 SCHNEIDER-ZB4BG314 Datasheet
406Kb / 16P
   Head for key selector switch, Harmony XB4, w/520e
logo
Tyco Electronics
2SWK MACOM-2SWK Datasheet
295Kb / 4P
   Key Switches, Medium Security
logo
C&K Components
P101133WM03NQE2 CK-COMPONENTS-P101133WM03NQE2 Datasheet
176Kb / 3P
   Low Profile Key Switches
D6C90F1FS CK-COMPONENTS-D6C90F1FS Datasheet
190Kb / 4P
   SPST Momentary Key Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com