Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTT10.00MT Datasheet(PDF) 5 Page - Tiger Electronic Co.,Ltd

Part # ZTT10.00MT
Description  CERAMIC RESONATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

ZTT10.00MT Datasheet(HTML) 5 Page - Tiger Electronic Co.,Ltd

  ZTT10.00MT Datasheet HTML 1Page - Tiger Electronic Co.,Ltd ZTT10.00MT Datasheet HTML 2Page - Tiger Electronic Co.,Ltd ZTT10.00MT Datasheet HTML 3Page - Tiger Electronic Co.,Ltd ZTT10.00MT Datasheet HTML 4Page - Tiger Electronic Co.,Ltd ZTT10.00MT Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
(Continued from the preceding page)
No
Item
Condition of Test
Performance
Requirements
6.9
6.9.1
6.9.2
Terminal
Strength
Terminal
Pulling
Terminal
Bending
Force of 5N is applied to each lead in
axial direction for 10±1 sec.
When force of 5N is applied to each
lead in axial direction,the lead shall
folded up 90°from the axial direction
and folded back to the axial direction.
The speed of folding shall be each 3
seconds.
No
visible
damage
and
it
shall
fulfill
the
specifications
in
Table 1.
Table 1
Item
Specification after test
Oscillation Frequency Change
Δfosc/fosc (%)max
±0.3(Refer to the initial value)
Resonant Impedance
Ro(Ω)
max
30
Note : The limits in the above table are referenced to the initial measurements.
7. REVIEW OF SPECIFICATIONS
When something gets doubtful with this specifications, we shall jointly work to get an
agreement.


Similar Part No. - ZTT10.00MT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZTT10.00MT LUGUANG-ZTT10.00MT Datasheet
253Kb / 7P
   Ceramic Resonator
More results

Similar Description - ZTT10.00MT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZTTCR419MG LUGUANG-ZTTCR419MG Datasheet
239Kb / 10P
   ceramic resonator
ZTTCV200MX LUGUANG-ZTTCV200MX Datasheet
431Kb / 8P
   ceramic resonator
ZTA30MG LUGUANG-ZTA30MG Datasheet
135Kb / 4P
   ceramic resonator
CRB455E LUGUANG-CRB455E Datasheet
167Kb / 2P
   Ceramic Resonator
ZTA8.0MT LUGUANG-ZTA8.0MT Datasheet
160Kb / 3P
   Ceramic Resonator
logo
MMD Components
MZTAC1 MMD-MZTAC1_12 Datasheet
164Kb / 2P
   Ceramic Resonator
MZTT MMD-MZTT_12 Datasheet
148Kb / 1P
   Ceramic Resonator
MZTTC1 MMD-MZTTC1_12 Datasheet
211Kb / 2P
   Ceramic Resonator
logo
ECS, Inc.
ZTT-20.00MX ECS-ZTT-20.00MX Datasheet
223Kb / 1P
   Ceramic Resonator
logo
Shenzhen Luguang Electr...
ZTTCC3.58MG LUGUANG-ZTTCC3.58MG Datasheet
231Kb / 9P
   ceramic resonator
ZTTWS4.00MG LUGUANG-ZTTWS4.00MG Datasheet
205Kb / 7P
   ceramic resonator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com