Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC100-S28 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TMC100-S28
Description  100 Watts Medical & ITE Switching Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMC100-S28 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMC100-S28 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMC100-S28 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TMC100 Series
100 Watts Medical & ITE Switching Power Supplies
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
INPUT SPECIFICATIONS
Input Voltage Range ............ 90~132 VAC or 180~264 VAC
Input Frequency ................... 47~63Hz
Input Current ........................ 1.9A rms @ 100~120 VAC
1.1A rms @ 200~240 VAC
Inrush Current ..................... 40A @ 115 VAC or 80A @ 230 VAC,
at 25°C cold start
Earth Leakage Current ........ 150µA max. @ 264 VAC, 63Hz
OUTPUT SPECIFICATIONS
Output Voltage/Current ........ See models list
Tolerance ............................. ±2%
Minimum Load .................... Not required
Ripple and Noise* ............... 150mV peak to peak on 5V model;
1% peak to peak on other models
Overvoltage Protection ........ Provided on output; set at 110-140%
of its nominal output voltage
Overcurrent Protection ........ All outputs protected to short-circuit
conditions
Temperature Coefficient ..... ±0.04%/°C max.
Transient Response ........... Max. excursion of 4% or better on
all models, recovering to 1% of
final value within 500µs after a
25% step load change
* Measured with 20MHz bandwidth at rated line voltage and output load ranges, with
a 10µF tantalum capacitor in parallel with a 0.1µF ceramic capacitor across the
output.
GENERAL SPECIFICATIONS
Switching Frequency ........... 100KHz
Efficiency ............................. 88~90% @ 230 VAC full load
Hold-up Time ....................... 12ms minimum at 110 VAC
Line Regulation ................... ±0.2% max. at full load
Operating Temperature ...... -10°C to +70°C
Derating ............................... Derate from 100% at +50°C linearly
to 50% at +70°C
Cooling ................................ Convection
Storage Temperature .......... -40°C to +85°C
Relative Humidity ................ 5% to 95% non-condensing
Withstand Voltage ............... 4000 VAC from input to output
1500 VAC from input to ground
500 VAC from output to ground
MTBF .................................... 270K hours minimum at full load,
25°C ambient, calculated per
MIL-HDBK-217F
STANDARDS & COMPLIANCES
EN55011, EN55022 ........ Class B conducted and radiated
FCC .................................. Class B conducted and radiated
VCCI ................................. Class B conducted and radiated
EN 61000-3-2 .................. Harmonic distortion, Class A
EN 61000-3-3 .................. Line flicker
EN 61000-4-2 .................. ESD, ±8 KV air and ±6 KV contact
EN 61000-4-3 .................. Radiated immunity, 3V/m
EN 61000-4-4 .................. Fast transient/burst, ±2 KV
EN 61000-4-5 .................. Surge, ±1 KV diff., ±2 KV com.
EN 61000-4-6 .................. Conducted immunity, 3 Vrms
EN 61000-4-8 .................. Magnetic field immunity, 3A/m
EN 61000-4-11 ................ Voltage dip immunity, 30% reduction
for 500ms (criteria A @ 230 VAC,
criteria B @ 100 VAC), 60% reduction
for 100ms (criteria B), >95% reduction
for 10ms (criteria A)
Safety Standards ............. UL 60601-1, EN 60601-1,
CSA C22.2 No. 601.1,
UL 60950-1, EN 60950-1,
CSA C22.2 No. 60950-1
Agency Approvals ............ UL, cUL, TUV, CE, CB
Other Compliances ........ RoHS
FEATURES
• Compact Size 2" x 4" x 1.26"
• Ultra High Power Density 10W/cubic inch
• 90~132 VAC or 180~264 VAC Full Range Input
• Low Earth Leakage Current
• Conducted EMI Class B
MODELS LIST
Notes: 1. Safety approvals are for PCB form only.
2. Add suffix "C" to order unit with cover fitted, e.g. TMC100-S18C, etc.
.
o
N
t
c
u
d
o
r
P
e
g
a
t
l
o
V
t
u
p
t
u
O
t
n
e
r
r
u
C
.
x
a
M
r
e
w
o
P
t
u
p
t
u
O
.
x
a
M
5
0
S
-
0
0
1
C
M
T
V
5A
0
2W
0
0
1
2
1
S
-
0
0
1
C
M
T
V
2
1A
4
3
.
8W
0
0
1
5
1
S
-
0
0
1
C
M
T
V
5
1A
7
.
6W
0
0
1
8
1
S
-
0
0
1
C
M
T
V
8
1A
6
5
.
5W
0
0
1
4
2
S
-
0
0
1
C
M
T
V
4
2A
2
.
4W
0
0
1
8
2
S
-
0
0
1
C
M
T
V
8
2A
8
5
.
3W
0
0
1
6
3
S
-
0
0
1
C
M
T
V
6
3A
8
7
.
2W
0
0
1
8
4
S
-
0
0
1
C
M
T
V
8
4A
1
.
2W
0
0
1


Similar Part No. - TMC100-S28

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMC100-S28 TRUMPOWER-TMC100-S28 Datasheet
107Kb / 2P
   100 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
More results

Similar Description - TMC100-S28

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMC100-S05 TRUMPOWER-TMC100-S05 Datasheet
107Kb / 2P
   100 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
   400 Watts AC/DC Medical & ITE Power Supplies
TMC200 TRUMPOWER-TMC200 Datasheet
165Kb / 2P
   200 Watts AC/DC Medical & ITE Power Supplies
TMC60 TRUMPOWER-TMC60 Datasheet
94Kb / 2P
   37.5~64 Watts Medical & ITE AC/DC Power Supplies
TMC150 TRUMPOWER-TMC150 Datasheet
82Kb / 2P
   150 Watts AC/DC Medical & ITE Grade Power Supplies
TM1100 TRUMPOWER-TM1100 Datasheet
274Kb / 2P
   1100 Watts AC/DC Medical & ITE Grade Power Supplies
TMC40 TRUMPOWER-TMC40 Datasheet
137Kb / 2P
   30-48 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TMC300 TRUMPOWER-TMC300 Datasheet
367Kb / 3P
   300 Watts AC/DC Medical and ITE Grade Power Supplies
TMP400 TRUMPOWER-TMP400 Datasheet
84Kb / 2P
   400 Watts Medical & ITE Power Adapters
TMP135 TRUMPOWER-TMP135 Datasheet
107Kb / 2P
   120-135 Watts Medical & ITE Power Adapters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com