Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVW7-7-X Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TVW7-7-X
Description  5~7 Watts Wall Mount Adapters with USB Charger
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TVW7-7-X Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TVW7-7-X Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TVW7 Series
5~7 Watts Wall Mount Adapters with USB Charger
TRUMPower
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
#TVW7-2011-0520-1
ELECTRICAL SPECIFICATIONS
Input Voltage ............................ 90~264 VAC
Input Frequency ....................... 47~63 Hz
Input Current ............................ 0.3A (rms) max.
Output Power ........................... 5~7W
Output Voltage ......................... 3V~27V; CEC level V and ErP
Step 2 (5V~27V models only)
Standby Power ......................... 0.3W max. at no load
Voltage Regulation .................. ±5% max.
Efficiency @ Full Load ............. 65% min.
Operating Temperature ........... -10°C to +50°C
Derating ................................... Derate linearly from 100% load
@ 40°C to 75% load @ 50°C
Storage Temperature ............... -20°C to +85°C
Operating Humidity .................. 20% to 90% RH
Protections .............................. OVP, OLP, Short-circuit
Withstand Voltage .................... 3000 VAC from input to output
Output Connector .................... 5 ft. DC cable with barrel plug
or USB socket on case
STANDARDS & COMPLIANCES
Safety Standards ..................... UL60950-1, EN60950-1
Agency Approvals .................... UL, cUL, CB, CE
EMI Standards ......................... EN55022, Class B
EMC Standards ....................... EN61000-3-2, EN61000-3-3,
EN61000-4-2, EN61000-4-3,
EN61000-4-4, EN61000-4-5,
EN61000-4-6, EN61000-4-8,
EN61000-4-11, EN55024
Other Standards ...................... CEC, ErP, RoHS, LPS, PSE
FEATURES
• 90~264 VAC Universal Input
• Meets CEC Regulation, Efficiency Level V
• USB Socket Type for 5V/1A Output Only
• Interchangeable Plugs Available
.
o
N
t
c
u
d
o
r
P
e
g
a
t
l
o
V
t
u
p
t
u
O
t
n
e
r
r
u
C
t
u
p
t
u
O
r
e
w
o
P
t
u
p
t
u
O
.
x
a
M
X
-
3
-
7
W
V
T
V
5
~
3A
1
~
7
6
.
1W
5
X
-
5
-
7
W
V
T
V
6
~
5A
1
~
0
2
.
1W
6
X
-
7
-
7
W
V
T
V
8
~
6A
5
7
.
0
~
1W
6
X
-
9
-
7
W
V
T
V
1
1
~
8A
5
5
.
0
~
5
7
.
0W
6
X
-
2
1
-
7
W
V
T
V
3
1
~
1
1A
4
5
.
0
~
4
6
.
0W
7
X
-
5
1
-
7
W
V
T
V
6
1
~
3
1A
4
4
.
0
~
4
5
.
0W
7
X
-
8
1
-
7
W
V
T
V
1
2
~
6
1A
3
3
.
0
~
4
4
.
0W
7
X
-
4
2
-
7
W
V
T
V
7
2
~
1
2A
6
2
.
0
~
3
3
.
0W
7
X
g
u
l
P
t
n
u
o
M
l
l
a
W
C
A
U
g
u
l
P
S
U
A
g
u
l
P
n
a
i
l
a
r
t
s
u
A
E
g
u
l
P
U
E
B
g
u
l
P
h
s
i
t
i
r
B
Note: X = AC plug code. See the tables and drawings below for details.
MODELS LIST
MECHANICAL SPECIFICATIONS
X
g
u
l
P
e
l
b
a
g
n
a
h
c
r
e
t
n
I
I
s
g
u
l
P
e
l
b
a
e
g
n
a
h
c
r
e
t
n
I
r
o
f
y
d
o
B
U
I
g
u
l
P
S
U
C
I
g
u
l
P
a
n
i
h
C
A
I
g
u
l
P
n
a
i
l
a
r
t
s
u
A
E
I
g
u
l
P
U
E
B
I
g
u
l
P
h
s
i
t
i
r
B
Ordering Information
1. Specify the output voltage and AC plug code when ordering, e.g. TVW7-12-U for
12V, US plug with DC cable type.
2. Add suffix "P" to order units with a built-in USB DC connector, e.g. TVW7-5-EP
for 5V, European plug with USB socket.
3. For interchangeable plug orders, at least one interchangable plug must be
ordered together with the "main body" (X = I), e.g. TVW7-5-IUP for 5V/1A,
USB socket, interchangeable body with EU plug.
3. Contact TRUMPower for output connector options.
Fixed AC Plug with DC Output Cable
Fixed AC Plug with USB DC Socket
Body for Interchangeable Plugs (I)
IA
IB
IC/IU
IE
Interchangeable Plugs
27.8±0.5
42.0±0.5
US Plug
EU Plug
Australian Plug
British Plug
28.1±0.5
42±0.5
US Plug
EU Plug
Australian Plug
British Plug
Unit: mm
34 ± 0.5
36 ± 0.5
DC Cable Type
USB Socket Type
36 ± 0.5
42 ± 0.5


Similar Part No. - TVW7-7-X

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TVW7 OHMITE-TVW7 Datasheet
116Kb / 1P
   Economical Commercial Grade
TVW7 OHMITE-TVW7 Datasheet
116Kb / 1P
   Wide resistance range
TVW7J100 OHMITE-TVW7J100 Datasheet
98Kb / 1P
   Ceramic Housed Power Resistors with Standoffs RoHS Compliant
TVW7J10R OHMITE-TVW7J10R Datasheet
98Kb / 1P
   Ceramic Housed Power Resistors with Standoffs RoHS Compliant
TVW7J150 OHMITE-TVW7J150 Datasheet
98Kb / 1P
   Ceramic Housed Power Resistors with Standoffs RoHS Compliant
More results

Similar Description - TVW7-7-X

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMW7 TRUMPOWER-TMW7_16 Datasheet
228Kb / 1P
   4~7W Medical Wall Mount Adapters with USB Charger
TMW7 TRUMPOWER-TMW7 Datasheet
105Kb / 1P
   4~7W Medical Wall Mount Adapters with USB Charger
W3-05-10 TRUMPOWER-W3-05-10 Datasheet
33Kb / 1P
   10 & 18 Watts Wall Mount Adapters
W3 TRUMPOWER-W3 Datasheet
33Kb / 1P
   10 & 18 Watts Wall Mount Adapters
TRW30 TRUMPOWER-TRW30 Datasheet
77Kb / 1P
   30 Watts AC/DC Wall Mount Power Adapters
TRW24 TRUMPOWER-TRW24 Datasheet
76Kb / 1P
   12~24 Watts AC/DC Wall Mount Power Adapters
logo
Qualtek Electronics Cor...
QFWB-5 QUALTEK-QFWB-5 Datasheet
194Kb / 2P
   5 Watts Single Output Wall Mount
logo
SL Power Electronics
D48_DD SLPOWER-D48_DD Datasheet
20Kb / 2P
   D48 Euro Wall Mount 7-14 Watts Series
F41_DD SLPOWER-F41_DD Datasheet
20Kb / 2P
   F41 UK Wall Mount 2-7 Watts Series
F48_DD SLPOWER-F48_DD Datasheet
20Kb / 2P
   F48 UK Wall Mount 7-14 Watts Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com