Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P054-006 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # P054-006
Description  2 Prong European Computer Power Cord, 10A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P054-006 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  P054-006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P054-006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P054-006 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Tripp Lite:
P054-006


Similar Part No. - P054-006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P054006 TRIPPLITE-P054006 Datasheet
474Kb / 2P
   2-Prong European Computer Power Cord, 10A (IEC-320-C13 to SCHUKO CEE 7-7), 6-ft
P054008 TRIPPLITE-P054008 Datasheet
476Kb / 2P
   2-Prong European Computer Power Cord, 10A (IEC-320-C13 to SCHUKO CEE 7-7), 8-ft
logo
Pulse A Technitrol Comp...
P0544 PULSE-P0544 Datasheet
144Kb / 3P
   SMT GATE DRIVE TRANSFORMERS
P0544NL PULSE-P0544NL Datasheet
140Kb / 2P
   SMT GATE DRIVE TRANSFORMERS 1500VDC Basic and Operational Insulation
P0544NL PULSE-P0544NL Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
More results

Similar Description - P054-006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P054008 TRIPPLITE-P054008 Datasheet
476Kb / 2P
   2-Prong European Computer Power Cord, 10A (IEC-320-C13 to SCHUKO CEE 7-7), 8-ft
P054006 TRIPPLITE-P054006 Datasheet
474Kb / 2P
   2-Prong European Computer Power Cord, 10A (IEC-320-C13 to SCHUKO CEE 7-7), 6-ft
P058006 TRIPPLITE-P058006 Datasheet
480Kb / 2P
   2-Prong European Computer Power Cord (C5 to SCHUKO CEE 7-7), 6-ft
P006-006 TRIPPLITE-P006-006 Datasheet
479Kb / 4P
   Standard Computer Power Cord, 10A, 18AWG
P006-003 TRIPPLITE-P006-003 Datasheet
488Kb / 3P
   Standard Computer Power Cord, 10A, 18AWG
logo
List of Unclassifed Man...
17820326H25 ETC2-17820326H25 Datasheet
62Kb / 2P
   EUROPEAN POWER CORD
logo
Qualtek Electronics Cor...
367003-D01 QUALTEK-367003-D01 Datasheet
169Kb / 1P
   EUROPEAN POWER CORD
logo
Tripp Lite. All Rights ...
P004-006 TRIPPLITE-P004-006 Datasheet
493Kb / 3P
   Standard Computer Power Extension Cord, 10A,18AWG
P004-002-13RA TRIPPLITE-P004-002-13RA Datasheet
476Kb / 3P
   Standard Computer Power Extension Cord, 10A, 18AWG
P050008 TRIPPLITE-P050008 Datasheet
483Kb / 2P
   2-Prong European Power Cord, 16A (IEC-320-C19 to SCHUKO CEE 7-7), 8-ft
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com