Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3SK290 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # 3SK290
Description  Silicon N-Channel Dual Gate MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

3SK290 Datasheet(HTML) 7 Page - Hitachi Semiconductor

  3SK290 Datasheet HTML 1Page - Hitachi Semiconductor 3SK290 Datasheet HTML 2Page - Hitachi Semiconductor 3SK290 Datasheet HTML 3Page - Hitachi Semiconductor 3SK290 Datasheet HTML 4Page - Hitachi Semiconductor 3SK290 Datasheet HTML 5Page - Hitachi Semiconductor 3SK290 Datasheet HTML 6Page - Hitachi Semiconductor 3SK290 Datasheet HTML 7Page - Hitachi Semiconductor 3SK290 Datasheet HTML 8Page - Hitachi Semiconductor 3SK290 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
3SK290
7
S Parameter (V
DS = 4 V, VG2S = 3 V, ID = 10 mA, ZO = 50 ½)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
50
0.998
–3.3
2.17
176
0.001
41.3
0.971
–1.9
100
0.994
–6.7
2.20
172
0.001
88.9
0.971
–4.5
150
0.997
–10.2
2.19
168
0.002
74.4
0.970
–7.1
200
0.991
–13.5
2.17
163
0.003
81.6
0.969
–9.8
250
0.993
–16.9
2.16
159
0.004
79.7
0.967
–12.1
300
0.980
–20.8
2.12
155
0.004
72.6
0.965
–14.8
350
0.976
–23.7
2.10
151
0.005
66.9
0.962
–17.3
400
0.971
–27.0
2.08
146
0.005
70.9
0.959
–19.7
450
0.962
–30.7
2.05
142
0.006
67.7
0.956
–22.1
500
0.955
–33.7
2.03
139
0.006
63.9
0.953
–24.8
550
0.945
–36.9
1.99
135
0.006
64.1
0.950
–27.2
600
0.939
–40.2
1.96
131
0.006
63.9
0.946
–29.5
650
0.927
–43.3
1.93
127
0.006
59.9
0.942
–32.1
700
0.925
–46.5
1.90
123
0.006
60.0
0.939
–34.6
750
0.911
–49.4
1.87
120
0.006
58.3
0.933
–36.7
800
0.901
–52.3
1.84
116
0.006
60.3
0.930
–39.1
850
0.893
–55.9
1.81
112
0.005
62.0
0.925
–41.5
900
0.881
–59.0
1.78
108
0.005
61.2
0.921
–43.8
950
0.876
–61.5
1.75
105
0.005
65.0
0.917
–46.1
1000
0.869
–64.3
1.71
102
0.005
68.8
0.913
–48.4


Similar Part No. - 3SK290

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
3SK291 TOSHIBA-3SK291 Datasheet
237Kb / 5P
   N CHANNEL DUAL GATE MOS TYPE (TV TUNER, UHF RF AMPLIFIER APPLICATIONS)
3SK291 TOSHIBA-3SK291 Datasheet
744Kb / 6P
   TV Tuner, UHF RF Amplifier Applications
logo
New Jersey Semi-Conduct...
3SK291 NJSEMI-3SK291 Datasheet
148Kb / 1P
   TV TUNER, UHF RF AMPLIFER APPLICATIONS
logo
Toshiba Semiconductor
3SK291 TOSHIBA-3SK291 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
3SK291 TOSHIBA-3SK291_07 Datasheet
744Kb / 6P
   TV Tuner, UHF RF Amplifier Applications
More results

Similar Description - 3SK290

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
3SK298 HITACHI-3SK298 Datasheet
54Kb / 11P
   Silicon N-Channel Dual Gate MOS FET
logo
List of Unclassifed Man...
BF982 ETC-BF982 Datasheet
123Kb / 3P
   SILICON N-CHANNEL DUAL GATE MOS-FET
logo
Hitachi Semiconductor
3SK322 HITACHI-3SK322 Datasheet
90Kb / 12P
   Silicon N-Channel Dual Gate MOS FET
3SK194 HITACHI-3SK194 Datasheet
37Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
logo
NXP Semiconductors
BF981 PHILIPS-BF981 Datasheet
27Kb / 1P
   SILICON N-CHANNEL DUAL GATE MOS-FET
December 1990
logo
Renesas Technology Corp
3SK296 RENESAS-3SK296 Datasheet
190Kb / 8P
   Silicon N-Channel Dual Gate MOS FET
3SK297 RENESAS-3SK297 Datasheet
196Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
logo
Hitachi Semiconductor
3SK295 HITACHI-3SK295 Datasheet
51Kb / 10P
   Silicon N-Channel Dual Gate MOS FET
3SK186 HITACHI-3SK186 Datasheet
31Kb / 6P
   Silicon N-Channel Dual Gate MOS FET
3SK297 HITACHI-3SK297 Datasheet
54Kb / 11P
   Silicon N-Channel Dual Gate MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com