Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3SK290 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 3SK290
Description  Silicon N-Channel Dual Gate MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

3SK290 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  3SK290 Datasheet HTML 1Page - Hitachi Semiconductor 3SK290 Datasheet HTML 2Page - Hitachi Semiconductor 3SK290 Datasheet HTML 3Page - Hitachi Semiconductor 3SK290 Datasheet HTML 4Page - Hitachi Semiconductor 3SK290 Datasheet HTML 5Page - Hitachi Semiconductor 3SK290 Datasheet HTML 6Page - Hitachi Semiconductor 3SK290 Datasheet HTML 7Page - Hitachi Semiconductor 3SK290 Datasheet HTML 8Page - Hitachi Semiconductor 3SK290 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
3SK290
2
Absolute Maximum Ratings (Ta = 25¡C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DS
12
V
Gate 1 to source voltage
V
G1S
±8V
Gate 2 to source voltage
V
G2S
±8V
Drain current
I
D
25
mA
Channel power dissipation
Pch
100
mW
Channel temperature
Tch
125
°C
Storage temperature
Tstg
–55 to +125
°C
Attention: This device is very sensitive to electro static discharge.
It is recommended to adopt appropriate cautions when handling this transistor.


Similar Part No. - 3SK290

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
3SK291 TOSHIBA-3SK291 Datasheet
237Kb / 5P
   N CHANNEL DUAL GATE MOS TYPE (TV TUNER, UHF RF AMPLIFIER APPLICATIONS)
3SK291 TOSHIBA-3SK291 Datasheet
744Kb / 6P
   TV Tuner, UHF RF Amplifier Applications
logo
New Jersey Semi-Conduct...
3SK291 NJSEMI-3SK291 Datasheet
148Kb / 1P
   TV TUNER, UHF RF AMPLIFER APPLICATIONS
logo
Toshiba Semiconductor
3SK291 TOSHIBA-3SK291 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
3SK291 TOSHIBA-3SK291_07 Datasheet
744Kb / 6P
   TV Tuner, UHF RF Amplifier Applications
More results

Similar Description - 3SK290

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
3SK298 HITACHI-3SK298 Datasheet
54Kb / 11P
   Silicon N-Channel Dual Gate MOS FET
logo
List of Unclassifed Man...
BF982 ETC-BF982 Datasheet
123Kb / 3P
   SILICON N-CHANNEL DUAL GATE MOS-FET
logo
Hitachi Semiconductor
3SK322 HITACHI-3SK322 Datasheet
90Kb / 12P
   Silicon N-Channel Dual Gate MOS FET
3SK194 HITACHI-3SK194 Datasheet
37Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
logo
NXP Semiconductors
BF981 PHILIPS-BF981 Datasheet
27Kb / 1P
   SILICON N-CHANNEL DUAL GATE MOS-FET
December 1990
logo
Renesas Technology Corp
3SK296 RENESAS-3SK296 Datasheet
190Kb / 8P
   Silicon N-Channel Dual Gate MOS FET
3SK297 RENESAS-3SK297 Datasheet
196Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
logo
Hitachi Semiconductor
3SK295 HITACHI-3SK295 Datasheet
51Kb / 10P
   Silicon N-Channel Dual Gate MOS FET
3SK186 HITACHI-3SK186 Datasheet
31Kb / 6P
   Silicon N-Channel Dual Gate MOS FET
3SK297 HITACHI-3SK297 Datasheet
54Kb / 11P
   Silicon N-Channel Dual Gate MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com