Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3SK309 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # 3SK309
Description  GaAs N Channel Dual Gate MES FET UHF RF Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

3SK309 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button 3SK309 Datasheet HTML 3Page - Hitachi Semiconductor 3SK309 Datasheet HTML 4Page - Hitachi Semiconductor 3SK309 Datasheet HTML 5Page - Hitachi Semiconductor 3SK309 Datasheet HTML 6Page - Hitachi Semiconductor 3SK309 Datasheet HTML 7Page - Hitachi Semiconductor 3SK309 Datasheet HTML 8Page - Hitachi Semiconductor 3SK309 Datasheet HTML 9Page - Hitachi Semiconductor 3SK309 Datasheet HTML 10Page - Hitachi Semiconductor 3SK309 Datasheet HTML 11Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
3SK309
8
Unit : Resistance (
)
Capacitance (F)
4
6
32
L1 :
L2 :
25
5
120
°
90
°
7
6
6
26
L3 :
L4 :
21
6
120
°
90
°
7
L1 to L4 :
1 mm copper wire
φ
Unit : mm
RFC : 3 turn, 6 mm inside dia ( 1 mm enameled copper wire)
φ
Power Gain, Noise Figure Test Circuit
V G2
D
V
1000 pF
1 k
RFC
47 k
1000 pF
1000 pF
L3
L4
10 p max
Output
(50
)
47 k
1000 pF
L1
L2
Input
(50
)
10 p max
V G1


Similar Part No. - 3SK309

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
3SK300 HITACHI-3SK300 Datasheet
39Kb / 9P
   Silicon N Channel Dual Gate MOS FET UHF / VHF RF Amplifier
logo
Renesas Technology Corp
3SK300 RENESAS-3SK300 Datasheet
159Kb / 7P
   Silicon N Channel Dual Gate MOS FET UHF / VHF RF Amplifier
3SK300ZR-TL-E RENESAS-3SK300ZR-TL-E Datasheet
159Kb / 7P
   Silicon N Channel Dual Gate MOS FET UHF / VHF RF Amplifier
More results

Similar Description - 3SK309

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CF739 SIEMENS-CF739 Datasheet
138Kb / 7P
   GaAs FET (N-channel dual-gate GaAs MES FET)
logo
Sony Corporation
3SK165A SONY-3SK165A Datasheet
59Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2016AM SONY-SGM2016AM Datasheet
61Kb / 5P
   GaAs N-channel Dual-Gate MES FET
SGM2014M SONY-SGM2014M Datasheet
107Kb / 4P
   GaAs N-channel Dual Gate MES FET?
SGM2013N SONY-SGM2013N Datasheet
54Kb / 5P
   GaAs N-channel Dual-Gate MES FET
SGM2014AM SONY-SGM2014AM Datasheet
51Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2014AN SONY-SGM2014AN Datasheet
57Kb / 5P
   GaAs N-channel Dual Gate MES FET
3SK147 SONY-3SK147 Datasheet
510Kb / 4P
   GAAS N-CHANNEL DUAL-GATE MES FET
3SK166A SONY-3SK166A Datasheet
72Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2016AN SONY-SGM2016AN Datasheet
56Kb / 5P
   GaAs N-channel Dual-Gate MES FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com