Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43645-0300 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 43645-0300
Description  Micro-Fit 3.0 Receptacle Housing, Halogen Free, Single Row, 3 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

43645-0300 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  43645-0300 Datasheet HTML 1Page - Molex Electronics Ltd. 43645-0300 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 11/04/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
43645-0300
Status:
Active
Overview:
Micro-Fit 3.0™ Connectors
Description:
Micro-Fit 3.0™ Receptacle Housing, Halogen Free, Single Row, 3 Circuits
Documents:
3D Model
Test Summary TS-43045-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-43650 (PDF)
Product Literature (PDF)
Packaging Specification PK-43645-001 (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
Crimp Housings
Series
43645
Application
Power, Wire-to-Wire
Comments
Glow Wire Equivalent Part Number 43645-0308
MolexKits
Yes
Overview
Micro-Fit 3.0™ Connectors
Product Literature Order No
987650-5984
Product Name
Micro-Fit 3.0™
UPC
800754366175
Physical
Circuits (maximum)
3
Color - Resin
Black
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
0.456/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.00mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
5A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-43645-001
Product Specification
PS-43650
Sales Drawing
SDA-43645-****, SDES-43645-1000
Test Summary
TS-43045-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
43645Series
Mates With
43640 Micro-Fit 3.0™ Plug Housings, 43650
Micro-Fit 3.0™ Headers
Use With
43030 , Link45773 Micro-Fit 3.0™ Female
Crimp Terminals, 46235 Micro-Fit RMF™
Female Crimp Terminals


Similar Part No. - 43645-0300

ManufacturerPart #DatasheetDescription
logo
MolexKits
43645-0300 MOLEXKITS-43645-0300 Datasheet
38Kb / 2P
   3.00mm(.118)Pitch Single Row Free Hanging Plug and Receptacle
43645-0300 MOLEXKITS-43645-0300 Datasheet
21Kb / 3P
   Plugs, Receptacles
43645-0300 MOLEXKITS-43645-0300 Datasheet
22Kb / 3P
   Plugs, Receptacles
logo
Molex Electronics Ltd.
43645-0300 MOLEX5-43645-0300 Datasheet
147Kb / 2P
   3.00mm (.118") Pitch Micro-Fit 3.0??Receptacle Housing, Single Row, 3 Circuits
43645-0300 MOLEX-43645-0300 Datasheet
147Kb / 1P
   MICRO-FIT (3.0) 2 THRU 12 SINGLE ROW RECEPTACLE
More results

Similar Description - 43645-0300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43645-0308 MOLEX11-43645-0308 Datasheet
45Kb / 2P
   Micro-Fit 3.0 Receptacle Housing, Halogen-Free, Single Row, 3 Circuits, Glow Wire Compatible
0436450308 MOLEX5-0436450308 Datasheet
159Kb / 2P
   3.00mm (.118") Pitch Micro-Fit 3.0??Receptacle Housing, Halogen Free, Single Row, 3 Circuits
43025-0400 MOLEX11-43025-0400 Datasheet
45Kb / 2P
   Micro-Fit 3.0??Receptacle Housing, Dual Row, 4 Circuits, Halogen Free
43025-0600 MOLEX11-43025-0600 Datasheet
45Kb / 2P
   Micro-Fit 3.0??Receptacle Housing, Dual Row, 6 Circuits, Halogen Free
43025-1000 MOLEX11-43025-1000 Datasheet
45Kb / 2P
   Micro-Fit 3.0??Receptacle Housing, Dual Row, 10 Circuits, Halogen Free
0436450608 MOLEX5-0436450608 Datasheet
159Kb / 2P
   3.00mm (.118") Pitch Micro-Fit 3.0??Receptacle Housing, Halogen Free, Single Row, 6 Circuits
0436450708 MOLEX5-0436450708 Datasheet
159Kb / 2P
   3.00mm (.118") Pitch Micro-Fit 3.0??Receptacle Housing, Halogen Free, Single Row, 7 Circuits
43645-0208 MOLEX11-43645-0208 Datasheet
45Kb / 2P
   Micro-Fit 3.0 Receptacle Housing, Halogen-Free, Single Row, 2 Circuits, Glow Wire Compatible
43645-0708 MOLEX11-43645-0708 Datasheet
45Kb / 2P
   Micro-Fit 3.0 Receptacle Housing, Halogen-Free, Single Row, 7 Circuits, Glow Wire Compatible
43645-0508 MOLEX11-43645-0508 Datasheet
44Kb / 2P
   Micro-Fit 3.0 Receptacle Housing, Single Row, 5 Circuits, Glow Wire Compatible, Halogen-Free
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com