Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3SK318 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 3SK318
Description  Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

3SK318 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  3SK318 Datasheet HTML 1Page - Hitachi Semiconductor 3SK318 Datasheet HTML 2Page - Hitachi Semiconductor 3SK318 Datasheet HTML 3Page - Hitachi Semiconductor 3SK318 Datasheet HTML 4Page - Hitachi Semiconductor 3SK318 Datasheet HTML 5Page - Hitachi Semiconductor 3SK318 Datasheet HTML 6Page - Hitachi Semiconductor 3SK318 Datasheet HTML 7Page - Hitachi Semiconductor 3SK318 Datasheet HTML 8Page - Hitachi Semiconductor 3SK318 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
3SK318
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DS
6V
Gate1 to source voltage
V
G1S
±6V
Gate2 to source voltage
V
G2S
±6V
Drain current
I
D
20
mA
Channel power dissipation
Pch
100
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics (Ta = 25
°C)
Item
Symbol Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown
voltage
V
(BR)DSS
6
——V
I
D = 200µA, VG1S = VG2S = 0
Gate1 to source breakdown
voltage
V
(BR)G1SS
±6
——V
I
G1 = ±10µA, VG2S = VDS = 0
Gate2 to source breakdown
voltage
V
(BR)G2SS
±6
——V
I
G2 = ±10µA, VG1S = VDS = 0
Gate1 to source cutoff current
I
G1SS
——
±100
nA
V
G1S = ±5V, VG2S = VDS = 0
Gate2 to source cutoff current
I
G2SS
——
±100
nA
V
G2S = ±5V, VG1S = VDS = 0
Gate1 to source cutoff voltage V
G1S(off)
0.5
0.7
1.0
V
V
DS = 5V, VG2S = 3V
I
D = 100µA
Gate2 to source cutoff voltage V
G2S(off)
0.5
0.7
1.0
V
V
DS = 5V, VG1S = 3V
I
D = 100µA
Drain current
I
DS(op)
0.5
4
10
mA
V
DS = 3.5V, VG1S = 1.1V
V
G2S = 3V
Forward transfer admittance
|y
fs|
182432mS
V
DS = 3.5V, VG2S = 3V
I
D = 10mA , f = 1kHz
Input capacitance
C
iss
1.3
1.6
1.9
pF
V
DS = 3.5V, VG2S = 3V
Output capacitance
C
oss
0.9
1.2
1.5
pF
I
D = 10mA , f= 1MHz
Reverse transfer capacitance
C
rss
0.019
0.03
pF
Power gain
PG
18
21
dB
V
DS = 3.5V, VG2S = 3V
Noise figure
NF
1.4
2.2
dB
I
D = 10mA , f = 900MHz


Similar Part No. - 3SK318

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3SK318 RENESAS-3SK318 Datasheet
183Kb / 8P
   Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
3SK318YB-TL-E RENESAS-3SK318YB-TL-E Datasheet
183Kb / 8P
   Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
More results

Similar Description - 3SK318

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3SK318 RENESAS-3SK318 Datasheet
183Kb / 8P
   Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
3SK319 RENESAS-3SK319 Datasheet
100Kb / 8P
   Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
logo
Hitachi Semiconductor
3SK319 HITACHI-3SK319 Datasheet
49Kb / 9P
   Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
3SK300 HITACHI-3SK300 Datasheet
39Kb / 9P
   Silicon N Channel Dual Gate MOS FET UHF / VHF RF Amplifier
3SK317 HITACHI-3SK317 Datasheet
38Kb / 8P
   Silicon N-Channel Dual Gate MOS FET UHF / VHF RF Amplifier
logo
Renesas Technology Corp
3SK317 RENESAS-3SK317 Datasheet
76Kb / 7P
   Silicon N-Channel Dual Gate MOS FET UHF / VHF RF Amplifier
3SK300 RENESAS-3SK300 Datasheet
159Kb / 7P
   Silicon N Channel Dual Gate MOS FET UHF / VHF RF Amplifier
logo
Hitachi Semiconductor
3SK309 HITACHI-3SK309 Datasheet
59Kb / 11P
   GaAs N Channel Dual Gate MES FET UHF RF Amplifier
2SK3390 HITACHI-2SK3390 Datasheet
78Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2596 RENESAS-2SK2596 Datasheet
61Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com