Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QXX25R5 Datasheet(PDF) 5 Page - Littelfuse

Part # QXX25R5
Description  25 Amp Standard Alternistor (High Commutation) Triacs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX25R5 Datasheet(HTML) 5 Page - Littelfuse

  QXX25R5 Datasheet HTML 1Page - Littelfuse QXX25R5 Datasheet HTML 2Page - Littelfuse QXX25R5 Datasheet HTML 3Page - Littelfuse QXX25R5 Datasheet HTML 4Page - Littelfuse QXX25R5 Datasheet HTML 5Page - Littelfuse QXX25R5 Datasheet HTML 6Page - Littelfuse QXX25R5 Datasheet HTML 7Page - Littelfuse QXX25R5 Datasheet HTML 8Page - Littelfuse QXX25R5 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
121
©2010 Littelfuse, Inc
Revised: May 10, 2010 09:33 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Teccor® brand Thyristors
Qxx25xx & Qxx25xHx Series
25 Amp Standard & Alternistor (High Commutation) Triacs
Figure 5: Power Dissipation (Typical) vs. RMS
On-State Current
Figure 6: Maximum Allowable Case Temperature
vs. RMS On-State Current
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
RMS On-State Current [I
T(RMS)] -- Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
FREE AIR RATING
Figure 7: Maximum Allowable Ambient Temperature vs. RMS On-State Current (TO-220 packages only)
10
100
1000
1
10
100
1000
Surge Current Duration -- Full Cycles
Qxx25R5
Qxx25N5
Qxx25P5/Qxx25R6
Qxx25L6/Qxx25NH6
Qxx25K6/Qxx25J6
Qxx25RH5/Qxx25LH5
Qxx25NH5
Figure 8: Surge Peak On-State Current vs. Number of Cycles
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS On-State Current: [I
T(RMS)]: Maximum Rated Value at
Specified Case Temperature
Notes:
1. Gate control may be lost during and immediately
following surge current interval.
2. Overload may not be repeated until junction
temperature has returned to steady-state
rated value.
0
5
10
15
20
25
30
35
0
5
10
15
20
25
RMS On-State Current [I
T(RMS)] -- Amps
Qxx25R5
Qxx25N5
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
Qxx25P5/Qxx25R6
Qxx25L6/Qxx25NH6
Qxx25K6/Qxx25J6
Qxx25RH5/Qxx25LH5
Qxx25NH5
50
60
70
80
90
100
110
120
130
RMS On-State Current [I
T(RMS)] - Amps
0
5
10
15
20
25
30
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
Qxx25R5
Qxx25N5
Qxx25K6
Qxx25J6
Qxx25L6
Qxx25LH5
Qxx25P5
Qxx25R6
Qxx25NH6
Qxx25RH5
Qxx25NH5


Similar Part No. - QXX25R5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   Teccor brand Thyristors
Qxx25R5 LITTELFUSE-Qxx25R5 Datasheet
758Kb / 11P
   RoHS compliant
QXX25R5TP LITTELFUSE-QXX25R5TP Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5TP LITTELFUSE-QXX25R5TP Datasheet
278Kb / 11P
   Teccor brand Thyristors
More results

Similar Description - QXX25R5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
   8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
HQ6025XH5 LITTELFUSE-HQ6025XH5 Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
QJXX25XHX LITTELFUSE-QJXX25XHX Datasheet
583Kb / 9P
   25 Amp High Temperature Alternistor Triacs
Q6040K7TP LITTELFUSE-Q6040K7TP Datasheet
741Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
LJXX06XX LITTELFUSE-LJXX06XX Datasheet
554Kb / 8P
   6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com