Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8J2TB Datasheet(PDF) 5 Page - Rohm

Part # SP8J2TB
Description  Switching (.30V, .4.5A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8J2TB Datasheet(HTML) 5 Page - Rohm

  SP8J2TB Datasheet HTML 1Page - Rohm SP8J2TB Datasheet HTML 2Page - Rohm SP8J2TB Datasheet HTML 3Page - Rohm SP8J2TB Datasheet HTML 4Page - Rohm SP8J2TB Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Appendix
Appendix1-Rev1.0
The products listed in this document are designed to be used with ordinary electronic equipment or devices
(such as audio visual equipment, office-automation equipment, communications devices, electrical
appliances and electronic toys).
Should you intend to use these products with equipment or devices which require an extremely high level of
reliability and the malfunction of with would directly endanger human life (such as medical instruments,
transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other
safety devices), please be sure to consult with our sales representative in advance.
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any
means without prior permission of ROHM CO.,LTD.
The contents described herein are subject to change without notice. The specifications for the
product described in this document are for reference only. Upon actual use, therefore, please request
that specifications to be separately delivered.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard
use and operation. Please pay careful attention to the peripheral conditions when designing circuits
and deciding upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams information, described herein
are intended only as illustrations of such devices and not as the specifications for such devices. ROHM
CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any
third party's intellectual property rights or other proprietary rights, and further, assumes no liability of
whatsoever nature in the event of any such infringement, or arising from or connected with or related
to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or
otherwise dispose of the same, no express or implied right or license to practice or commercially
exploit any intellectual property rights or other proprietary rights owned or controlled by
ROHM CO., LTD. is granted to any such buyer.
Products listed in this document use silicon as a basic material.
Products listed in this document are no antiradiation design.
About Export Control Order in Japan
Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control
Order in Japan.
In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause)
on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.


Similar Part No. - SP8J2TB

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8J2 ROHM-SP8J2 Datasheet
66Kb / 5P
   Switching (−30V, −4.5A)
More results

Similar Description - SP8J2TB

ManufacturerPart #DatasheetDescription
logo
Rohm
RTQ045N03 ROHM-RTQ045N03 Datasheet
130Kb / 4P
   Switching (30V, 4.5A)
RRQ045P03FRA ROHM-RRQ045P03FRA Datasheet
777Kb / 14P
   Pch -30V -4.5A Power MOSFET
RQ6E045BN ROHM-RQ6E045BN Datasheet
2Mb / 15P
   Nch 30V 4.5A Power MOSFET
RSQ045N03FRA ROHM-RSQ045N03FRA Datasheet
1Mb / 15P
   Nch 30V 4.5A Power MOSFET
RW4E045AT ROHM-RW4E045AT Datasheet
2Mb / 14P
   Pch -30V -4.5A Power MOSFET
20200227 - Rev.001
RW4E045AJ ROHM-RW4E045AJ Datasheet
2Mb / 14P
   Nch 30V 4.5A Power MOSFET
20190328 - Rev.001
SP8K22 ROHM-SP8K22 Datasheet
150Kb / 5P
   Switching (45V, 4.5A)
RTQ045N03FRA ROHM-RTQ045N03FRA_16 Datasheet
2Mb / 15P
   Nch 30V 4.5A Small Signal MOSFET
RTQ045N03HZG ROHM-RTQ045N03HZG Datasheet
2Mb / 15P
   Nch 30V 4.5A Small Signal MOSFET
RRQ045P03HZG ROHM-RRQ045P03HZG Datasheet
2Mb / 15P
   Pch -30V -4.5A Small Signal MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com