Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8J2TB Datasheet(PDF) 1 Page - Rohm

Part # SP8J2TB
Description  Switching (.30V, .4.5A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8J2TB Datasheet(HTML) 1 Page - Rohm

  SP8J2TB Datasheet HTML 1Page - Rohm SP8J2TB Datasheet HTML 2Page - Rohm SP8J2TB Datasheet HTML 3Page - Rohm SP8J2TB Datasheet HTML 4Page - Rohm SP8J2TB Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SP8J2
Transistors
1/4
Switching (
−30V, −4.5A)
SP8J2
Features
1) Low On-resistance. (57m
Ω at 4.5V)
2) High Power Package.
3) High speed switching.
4) Low voltage drive. (4.5V)
Applications
Power switching, DC-DC converter
External dimensions (Unit : mm)
Each lead has same dimensions
SOP8
3.9
6.0
0.4Min.
Structure
Silicon P-channel
MOS FET
Packaging specifications
Package
Code
Taping
Basic ordering unit (pieces)
SP8J2
TB
2500
Type
Equivalent circuit
(1) Tr1 Source
(2) Tr1 Gate
(3) Tr2 Source
(4) Tr2 Gate
(5) Tr2 Drain
(6) Tr2 Drain
(7) Tr1 Drain
(8) Tr1 Drain
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
∗2
∗1
(8)
(7)
(1)
(2)
∗2
∗1
(6)
(5)
(3)
(4)


Similar Part No. - SP8J2TB

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8J2 ROHM-SP8J2 Datasheet
66Kb / 5P
   Switching (−30V, −4.5A)
More results

Similar Description - SP8J2TB

ManufacturerPart #DatasheetDescription
logo
Rohm
RTQ045N03 ROHM-RTQ045N03 Datasheet
130Kb / 4P
   Switching (30V, 4.5A)
RRQ045P03FRA ROHM-RRQ045P03FRA Datasheet
777Kb / 14P
   Pch -30V -4.5A Power MOSFET
RQ6E045BN ROHM-RQ6E045BN Datasheet
2Mb / 15P
   Nch 30V 4.5A Power MOSFET
RSQ045N03FRA ROHM-RSQ045N03FRA Datasheet
1Mb / 15P
   Nch 30V 4.5A Power MOSFET
RW4E045AT ROHM-RW4E045AT Datasheet
2Mb / 14P
   Pch -30V -4.5A Power MOSFET
20200227 - Rev.001
RW4E045AJ ROHM-RW4E045AJ Datasheet
2Mb / 14P
   Nch 30V 4.5A Power MOSFET
20190328 - Rev.001
SP8K22 ROHM-SP8K22 Datasheet
150Kb / 5P
   Switching (45V, 4.5A)
RTQ045N03FRA ROHM-RTQ045N03FRA_16 Datasheet
2Mb / 15P
   Nch 30V 4.5A Small Signal MOSFET
RTQ045N03HZG ROHM-RTQ045N03HZG Datasheet
2Mb / 15P
   Nch 30V 4.5A Small Signal MOSFET
RRQ045P03HZG ROHM-RRQ045P03HZG Datasheet
2Mb / 15P
   Pch -30V -4.5A Small Signal MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com