Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4AK22 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 4AK22
Description  Silicon N-Channel Power MOS FET Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

4AK22 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  4AK22 Datasheet HTML 1Page - Hitachi Semiconductor 4AK22 Datasheet HTML 2Page - Hitachi Semiconductor 4AK22 Datasheet HTML 3Page - Hitachi Semiconductor 4AK22 Datasheet HTML 4Page - Hitachi Semiconductor 4AK22 Datasheet HTML 5Page - Hitachi Semiconductor 4AK22 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4AK22
2
Outline
SP-10
2 G
1 S
4
G
6
G
8
G
3
D
5
D
7
D
9
D
S 10
1, 10.
Source
2, 4, 6, 8. Gate
3, 5, 7, 9. Drain
1
2
3
4 5
6
7 8
9
10
Absolute Maximum Ratings (Ta = 25°C) (1 Unit)
Item
Symbol
Rating
Unit
Drain to source voltage
V
DSS
120
V
Gate to source voltage
V
GSS
±20
V
Drain current
I
D
3A
Drain peak current
I
D(pulse)*
1
12
A
Body to drain diode reverse drain current
I
DR
3A
Channel dissipation
Pch (Tc = 25
°C)*2 28
W
Channel dissipation
Pch*
2
4W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. 4 devices operation


Similar Part No. - 4AK22

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
4AK20 HITACHI-4AK20 Datasheet
36Kb / 6P
   Silicon N-Channel Power MOS FET Array
4AK21 HITACHI-4AK21 Datasheet
36Kb / 6P
   Silicon N-Channel Power MOS FET Array
4AK23 HITACHI-4AK23 Datasheet
40Kb / 6P
   Silicon N-Channel Power MOS FET Array
4AK25 HITACHI-4AK25 Datasheet
39Kb / 6P
   Silicon N-Channel Power MOS FET Array
4AK26 HITACHI-4AK26 Datasheet
52Kb / 9P
   Silicon N-Channel Power MOS FET Array
More results

Similar Description - 4AK22

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
4AK18 HITACHI-4AK18 Datasheet
49Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AK15 HITACHI-4AK15 Datasheet
49Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AK21 HITACHI-4AK21 Datasheet
36Kb / 6P
   Silicon N-Channel Power MOS FET Array
4AK25 HITACHI-4AK25 Datasheet
39Kb / 6P
   Silicon N-Channel Power MOS FET Array
4AK17 HITACHI-4AK17 Datasheet
50Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AK23 HITACHI-4AK23 Datasheet
40Kb / 6P
   Silicon N-Channel Power MOS FET Array
4AK16 HITACHI-4AK16 Datasheet
50Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AK20 HITACHI-4AK20 Datasheet
36Kb / 6P
   Silicon N-Channel Power MOS FET Array
4AK26 HITACHI-4AK26 Datasheet
52Kb / 9P
   Silicon N-Channel Power MOS FET Array
4AM11 HITACHI-4AM11 Datasheet
125Kb / 10P
   Silicon N-Channel/P-Channel Power MOS FET Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com